Electronic Components Datasheet Search
  English  ▼

X  

LM2502 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM2502
Description  Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2502 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2502 Datasheet HTML 9Page - Texas Instruments LM2502 Datasheet HTML 10Page - Texas Instruments LM2502 Datasheet HTML 11Page - Texas Instruments LM2502 Datasheet HTML 12Page - Texas Instruments LM2502 Datasheet HTML 13Page - Texas Instruments LM2502 Datasheet HTML 14Page - Texas Instruments LM2502 Datasheet HTML 15Page - Texas Instruments LM2502 Datasheet HTML 16Page - Texas Instruments LM2502 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Start
H
A/D
D0
D1
D2
D3
D4
D5
D6
D7
R/
W*
CS1
/2
D8
D9
D10
D11
D12
D13
D14
D15
Start
H
R/
W*
MC
MD1
MD0
LM2502
www.ti.com
SNLS176L – JANUARY 2004 – REVISED MAY 2013
Table 6. Modes
Mode
Description
0
m68 Interface
(E, R/W*), 16-bit support
1
i80 Interface
(WR*, RD*), 16-bit support
It is not required that both the Master and the Slave to be configured in the same mode. For example the Master
may be configured as an 80xx (i80) interface while the Slave is configured for an 68xx (m68) interface.
Control information is carried over both MD lines. MD0 carries the D0–7 data bits while MD1 the D8–15 data bits.
See Figure 8.
WRITE TRANSACTION
The WRITE transaction consists of two MC edges of control information followed by 8 MC edges of write data.
Since WRITE transactions transfer information on both edges of MC it takes 5 MC cycles to complete a write
transaction. The MD0 line carries the Start bit (High), the A/D (Address/Data) bit and then the data payload of 8
bits (D0–7). The MD1 line carries the R/W* bit (Read/Write*), the CS1/2 bit and then the data payload of 8 bits
(D8–15). The data payload is sent least significant bit (LSB) first. The CS1/2 bit denotes which Chipset pin was
active. CS1/2 = HIGH designates that CS1* is active (Low). CS1/2 = LOW designates that CS2* is active (Low).
CS1* and CS2* LOW is not allowed.
Figure 8. Dual MD Link WRITE Transaction
READ TRANSACTION
The READ transaction is variable in length. It consists of four sections.
In the first section the Master sends a READ_Command to the slave. This command is sent in a single MC cycle
(2 edges) and uses a similar format to the 1st cycle of the WRITE transaction. The MD0 line carries the Start bit
(High) and the A/D (Address/Data) bit. The MD1 line carries the R/W* bit (High for reads) and the CS1/2 bit.
In the second section (TA’) the MD lines are turned around, such that the Master becomes the receiver and
Slave becomes the transmitter. The Slave must drive the MD lines low by the 14th clock edge. It may then idle
the line at the Logic Low state or drive the line High to indicate that read data transmission is starting. This
ensures that the MD lines are a stable LOW state and that the Low-to-High transition of the “Start” bit is seen by
the Master.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM2502



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com