Electronic Components Datasheet Search
  English  ▼

X  

LM2502 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM2502
Description  Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2502 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2502 Datasheet HTML 8Page - Texas Instruments LM2502 Datasheet HTML 9Page - Texas Instruments LM2502 Datasheet HTML 10Page - Texas Instruments LM2502 Datasheet HTML 11Page - Texas Instruments LM2502 Datasheet HTML 12Page - Texas Instruments LM2502 Datasheet HTML 13Page - Texas Instruments LM2502 Datasheet HTML 14Page - Texas Instruments LM2502 Datasheet HTML 15Page - Texas Instruments LM2502 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Bus Phase
MC
MD0/
MD1
Active
H
L
O
H
L
O
Power-Off
1
MC-out (MST) /
MC-in (SLV)
PD*-in
(SLV)
Link-Up
Idle
Link
Off
H
L
O
t1
Bus
Phase
H
L
PD*-in
(MST)
t2
t3
CLK-out
(SLV)
active
H
L
H
L
H
L
CLK
(MST)
t0
A
B
O
MD0 / MD1 -out
(MST) / MDn-in
(SLV)
L
C
H
t4
LM2502
SNLS176L – JANUARY 2004 – REVISED MAY 2013
www.ti.com
Figure 6. MPL Power Up Timing
OFF PHASE
In the OFF phase, both Master and Slave MPL transmitters are turned off with zero current flowing on the MC
and MD lines. Figure 7 shows the transition of the MPL bus into the OFF phase. If an MPL line is driven to a
logical Low (high current) when the OFF phase is entered it may temporarily pass through as a logical High (low
current) before reaching the zero line current state.
Figure 7. MPL Power Down Timing
The link may be powered down by asserting both the Master’s and Slaves’s PD* input pins (Low). This causes
the devices to immediately put the link to the OFF Phase and internally enter a low power state. To avoid loss of
data the Master’s PD* input should only be asserted after the MPL bus has been in the IDLE state for at least 20
MC clock cycles. This gives the Slave enough time to complete any write operations received from the MPL bus.
CPU INTERFACE COMPATIBILITY
The CPU Interface mode provides compatibility between a CPU Interface and a small form factor (SFF) Display
or other fixed I/O port application. Two options are allowed:
12
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM2502



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com