Electronic Components Datasheet Search
  English  ▼

X  

LM3150 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM3150
Description  LM3150 Wide-VIN Synchronous Buck Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3150 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3150 Datasheet HTML 17Page - Texas Instruments LM3150 Datasheet HTML 18Page - Texas Instruments LM3150 Datasheet HTML 19Page - Texas Instruments LM3150 Datasheet HTML 20Page - Texas Instruments LM3150 Datasheet HTML 21Page - Texas Instruments LM3150 Datasheet HTML 22Page - Texas Instruments LM3150 Datasheet HTML 23Page - Texas Instruments LM3150 Datasheet HTML 24Page - Texas Instruments LM3150 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
L36
L35
MAXIMUM LOAD CURRENT (A)
4
5
6
7
8
9
10
12
1
2
3
4
5
6
7
8
9
10
20
30
40
50
60
70
80
90
100
L01
L02
L03
L04
L05
L06
L07
L08
L09
L10
L11
L12
L13
L14
L15
L16
L17
L18
L19
L20
L21
L22
L23
L24
L34
L33
L32
L25
L26
L27
L28
L29
L30
L31
L48
L47
L46
L45
L44
L37
L38
L39
L40
L41
L42
L43
47 P
H
33 P
H
22 P
H
15 P
H
10 P
H
6.8 P
H
4.7 P
H
3.3 P
H
2.2 P
H
1.5 P
H
1.0 P
H
0.68
PH
0.47
PH
0.33
PH
21
LM3150
www.ti.com
SNVS561G – SEPTEMBER 2008 – REVISED SEPTEMBER 2015
Product Folder Links: LM3150
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
•
fs is in kHz units
(62)
The intersection of the Load Current and the Volt-microseconds lines on the chart below will determine which
inductors are capable for use in the design. Figure 16 shows a sample of parts that can be used. The offline
calculator tools and WEBENCH will fully calculate the requirements for the components needed for the
design.
Figure 16. Inductor Nomograph
Table 2. Inductor Selection Table
INDUCTOR
DESIGNATOR
INDUCTANCE (µH)
CURRENT (A)
PART NAME
VENDOR
L01
47
7-9
L02
33
7-9
SER2817H-333KL
COILCRAFT
L03
22
7-9
SER2814H-223KL
COILCRAFT
L04
15
7-9
7447709150
WURTH
L05
10
7-9
RLF12560T-100M7R5
TDK
L06
6.8
7-9
B82477-G4682-M
EPCOS
L07
4.7
7-9
B82477-G4472-M
EPCOS
L08
3.3
7-9
DR1050-3R3-R
COOPER
L09
2.2
7-9
MSS1048-222
COILCRAFT
L10
1.5
7-9
SRU1048-1R5Y
BOURNS
L11
1
7-9
DO3316P-102
COILCRAFT
L12
0.68
7-9
DO3316H-681
COILCRAFT
L13
33
9-12
L14
22
9-12
SER2918H-223
COILCRAFT
L15
15
9-12
SER2814H-153KL
COILCRAFT
L16
10
9-12
7447709100
WURTH
L17
6.8
9-12
SPT50H-652
COILCRAFT
L18
4.7
9-12
SER1360-472
COILCRAFT
L19
3.3
9-12
MSS1260-332
COILCRAFT
L20
2.2
9-12
DR1050-2R2-R
COOPER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com