Electronic Components Datasheet Search
  English  ▼

X  

LM3150 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM3150
Description  LM3150 Wide-VIN Synchronous Buck Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3150 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3150 Datasheet HTML 8Page - Texas Instruments LM3150 Datasheet HTML 9Page - Texas Instruments LM3150 Datasheet HTML 10Page - Texas Instruments LM3150 Datasheet HTML 11Page - Texas Instruments LM3150 Datasheet HTML 12Page - Texas Instruments LM3150 Datasheet HTML 13Page - Texas Instruments LM3150 Datasheet HTML 14Page - Texas Instruments LM3150 Datasheet HTML 15Page - Texas Instruments LM3150 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
tSS =
Vref x CSS
ISS
ICL
IPK
'I
IOCL
IOUT
Load Current
Increases
Normal Operation
Current Limited
12
LM3150
SNVS561G – SEPTEMBER 2008 – REVISED SEPTEMBER 2015
www.ti.com
Product Folder Links: LM3150
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Feature Description (continued)
Figure 13. Inductor Current - Current Limit Operation
8.3.5 Short-Circuit Protection
The LM3150 controller will sense a short-circuit on the output by monitoring the output voltage. When the
feedback voltage has fallen below 60% of the reference voltage, Vref x 0.6 (≈ 0.36 V), short-circuit mode of
operation will start. During short-circuit operation, the SS pin is discharged and the output voltage will fall to 0 V.
The SS pin voltage, VSS, is then ramped back up at the rate determined by the SS capacitor and ISS until VSS
reaches 0.7 V. During this re-ramp phase, if the short-circuit fault is still present the output current will be equal
to the set current limit. Once the soft-start voltage reaches 0.7 V, the output voltage is sensed again and if the
VFB is still below Vref x 0.6 then the SS pin is discharged again and the cycle repeats until the short-circuit fault is
removed.
8.3.6 Soft-Start
The soft-start (SS) feature allows the regulator to gradually reach a steady-state operating point, which reduces
start-up stresses and current surges. At turnon, while VCC is below the undervoltage threshold, the SS pin is
internally grounded and VOUT is held at 0 V. The SS capacitor is used to slowly ramp VFB from 0 V to 0.6 V. By
changing the capacitor value, the duration of start-up can be changed accordingly. The start-up time can be
calculated using the following equation:
where
•
tSS is measured in seconds
•
Vref = 0.6 V
•
ISS is the soft-start pin source current, which is typically 7.7 µA (refer to Electrical Characteristics)
(11)
An internal switch grounds the SS pin if VCC is below the undervoltage lockout threshold, if a thermal shutdown
occurs, or if the EN pin is grounded. By using an externally controlled switch, the output voltage can be shut off
by grounding the SS pin.
During startup the LM3150 controller will operate in diode emulation mode, where the low-side gate LG will turn
off and remain off when the inductor current falls to zero. Diode emulation mode will allow start-up into a pre-
biased output voltage. When soft-start is greater than 0.7 V, the LM3150 controller will remain in continuous
conduction mode. During diode emulation mode at current limit the low-gate will remain off when the inductor
current is off.
The soft-start time should be greater than the input voltage rise time and also satisfy the following equality to
maintain a smooth transition of the output voltage to the programmed regulation voltage during start-up.
tSS ≥ (VOUT x COUT) / (IOCL - IOUT)
(12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com