Electronic Components Datasheet Search
  English  ▼

X  

LM3150 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM3150
Description  LM3150 Wide-VIN Synchronous Buck Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3150 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3150 Datasheet HTML 9Page - Texas Instruments LM3150 Datasheet HTML 10Page - Texas Instruments LM3150 Datasheet HTML 11Page - Texas Instruments LM3150 Datasheet HTML 12Page - Texas Instruments LM3150 Datasheet HTML 13Page - Texas Instruments LM3150 Datasheet HTML 14Page - Texas Instruments LM3150 Datasheet HTML 15Page - Texas Instruments LM3150 Datasheet HTML 16Page - Texas Instruments LM3150 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
13
LM3150
www.ti.com
SNVS561G – SEPTEMBER 2008 – REVISED SEPTEMBER 2015
Product Folder Links: LM3150
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Feature Description (continued)
8.3.7 Thermal Protection
The LM3150 controller should be operated such that the junction temperature does not exceed the maximum
operating junction temperature. An internal thermal shutdown circuit, which activates at 165°C (typical), takes the
controller to a low-power reset state by disabling the buck switch and the on-timer, and grounding the SS pin.
This feature helps prevent catastrophic failures from accidental device overheating. When the junction
temperature falls back below 150°C the SS pin is released and device operation resumes.
8.4 Device Functional Modes
The EN pin can be activated by either leaving the pin floating due to an internal pullup resistor to VIN or by
applying a logic high signal to the EN pin of 1.26 V or greater. The LM3150 controller can be remotely shut down
by taking the EN pin below 1.02 V. Low quiescent shutdown is achieved when VEN is less than 0.4 V. During
low quiescent shutdown the internal bias circuitry is turned off.
The LM3150 controller has certain fault conditions that can trigger shutdown, such as short circuit, undervoltage
lockout, or thermal shutdown. During shutdown, the soft-start capacitor is discharged. Once the fault condition is
removed, the soft-start capacitor begins charging, allowing the part to start-up in a controlled fashion. In
conditions where there may be an open drain connection to the EN pin, it may be necessary to add a 1-nF
bypass capacitor to this pin. This will help decouple noise from the EN pin and prevent false disabling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com