Electronic Components Datasheet Search
  English  ▼

X  

LM34 Datasheet(PDF) 16 Page - Texas Instruments

Part # LM34
Description  LM34 Precision Fahrenheit Temperature Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM34 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM34 Datasheet HTML 12Page - Texas Instruments LM34 Datasheet HTML 13Page - Texas Instruments LM34 Datasheet HTML 14Page - Texas Instruments LM34 Datasheet HTML 15Page - Texas Instruments LM34 Datasheet HTML 16Page - Texas Instruments LM34 Datasheet HTML 17Page - Texas Instruments LM34 Datasheet HTML 18Page - Texas Instruments LM34 Datasheet HTML 19Page - Texas Instruments LM34 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
LM34
SNIS161D – MARCH 2000 – REVISED JANUARY 2016
www.ti.com
9 Power Supply Recommendations
It may be necessary to add a bypass filter capacitor in noisy environments, as shown in as shown in Figure 13.
10 Layout
10.1 Layout Guidelines
The LM34 device can be easily applied in the same way as other integrated-circuit temperature sensors. The
device can be glued or cemented to a surface and its temperature will be within about 0.02°F of the surface
temperature. This presumes that the ambient air temperature is almost the same as the surface temperature; if
the air temperature were much higher or lower than the surface temperature, the actual temperature of the LM34
die would be at an intermediate temperature between the surface temperature and the air temperature. This is
especially true for the TO-92 plastic package, where the copper leads are the principal thermal path to carry heat
into the device, so its temperature might be closer to the air temperature than to the surface temperature.
To minimize this problem, be sure that the wiring to the LM34, as it leaves the device, is held at the same
temperature as the surface of interest. The easiest way to do this is to cover up these wires with a bead of
epoxy, which will insure that the leads and wires are all at the same temperature as the surface, and that the die
temperature of the LM34 device will not be affected by the air temperature.
The TO-46 metal package can be soldered to a metal surface or pipe without damage. In the case where
soldering is used, the V
− terminal of the circuit will be grounded to that metal. Alternatively, the LM34 device can
be mounted inside a sealed-end metal tube, and can then be dipped into a bath or screwed into a threaded hole
in a tank. As with any IC, the LM34 and accompanying wiring and circuits must be kept insulated and dry, to
avoid leakage and corrosion. This is especially true if the circuit may operate at cold temperatures where
condensation can occur. Printed-circuit coatings and varnishes such as a conformal coating and epoxy paints or
dips are often used to insure that moisture cannot corrode the LM34 or its connections.
These devices are sometimes soldered to a small, light-weight heat fin to decrease the thermal time constant
and speed up the response in slowly-moving air. On the other hand, a small thermal mass may be added to the
sensor to give the steadiest reading despite small deviations in the air temperature.
Table 2. Temperature Rise of LM34 Due to Self-Heating (Thermal Resistance)
TO-46,
TO-92,
TO-46
TO-92,
SO-8
SO-8
CONDITIONS
SMALL HEAT
SMALL HEAT
NO HEAT SINK
NO HEAT SINK
NO HEAT SINK
SMALL HEAT Fin
Fin(1)
Fin(2)
Still air
720°F/W
180°F/W
324°F/W
252°F/W
400°F/W
200°F/W
Moving air
180°F/W
72°F/W
162°F/W
126°F/W
190°F/W
160°F/W
Still oil
180°F/W
72°F/W
162°F/W
126°F/W
—
—
Stirred oil
90°F/W
54°F/W
81°F/W
72°F/W
—
—
(Clamped to metal,
(43°F/W )
—
—
(95°F/W )
infinite heart sink)
(1)
Wakefield type 201 or 1-inch disc of 0.020-inch sheet brass, soldered to case, or similar.
(2)
TO-92 and SO-8 packages glued and leads soldered to 1-inch square of 1/16 inches printed circuit board with 2 oz copper foil, or
similar.
16
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Product Folder Links: LM34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com