Electronic Components Datasheet Search
  English  ▼

X  

LM34 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM34
Description  LM34 Precision Fahrenheit Temperature Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM34 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM34 Datasheet HTML 3Page - Texas Instruments LM34 Datasheet HTML 4Page - Texas Instruments LM34 Datasheet HTML 5Page - Texas Instruments LM34 Datasheet HTML 6Page - Texas Instruments LM34 Datasheet HTML 7Page - Texas Instruments LM34 Datasheet HTML 8Page - Texas Instruments LM34 Datasheet HTML 9Page - Texas Instruments LM34 Datasheet HTML 10Page - Texas Instruments LM34 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
LM34
www.ti.com
SNIS161D – MARCH 2000 – REVISED JANUARY 2016
6.6 Electrical Characteristics: LM34, LM34C, and LM34D
Unless otherwise noted, these specifications apply:
−50°F ≤ TJ ≤ 300°F for the LM34 and LM34A; −40°F ≤ TJ ≤ 230°F for the
LM34C and LM34CA; and +32°F
≤ TJ ≤ 212°F for the LM34D. VS = 5 Vdc and ILOAD = 50 µA in the circuit of Full-Range
Fahrenheit Temperature Sensor; 6 Vdc for LM34 and LM34A for 230°F
≤ TJ ≤ 300°F. These specifications also apply from
5°F to TMAX in the circuit of Basic Fahrenheit Temperature Sensor (5°F to 300°F).
LM34
LM34C, LM34D
PARAMETER
CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Tested Limit(2)
–2
2
–2
2
TA = 77°F
Design Limit(3)
°F
±0.8
±0.8
Tested Limit
TA = 0°F
Design Limit
–3
3
°F
±1
±1
Accuracy, LM34,
LM34C(1)
Tested Limit
–3
3
TA = TMAX
Design Limit
–3
3
°F
±1.6
±1.6
Tested Limit
TA = TMIN
Design Limit
–3
3
–4
4
°F
±1.6
±1.6
Tested Limit
–3
3
TA = 77°F
Design Limit
°F
±1.2
Tested Limit
Accuracy, LM34D(1)
TA = TMAX
Design Limit
–4
4
°F
±1.8
Tested Limit
TA = TMIN
Design Limit
–4
4
°F
±1.8
Tested Limit
Nonlinearity (4)
Design Limit
–1.0
1
–1
1
°F
±0.6
±0.4
Tested Limit
9.8
10.2
Sensor gain (Average
Design Limit
9.8
10.2
mV/°F
Slope)
10
10
TA = 77°F
Tested Limit
–2.5
2.5
–2.5
2.5
0
≤ IL ≤ 1 mA
Design Limit
mV/mA
±0.4
±0.4
Load regulation(5)
Tested Limit
TMIN ≤ TA ≤ 150°F
Design Limit
–6.0
6
–6
6
mV/mA
0
≤ IL ≤ 1 mA
±0.5
±0.5
Tested Limit
–0.1
0.1
–0.1
0.1
TA = 77°F,
Design Limit
mV/V
5 V
≤ VS ≤ 30 V
±0.01
±0.01
Line regulation(5)
Tested Limit
5 V
≤ VS ≤ 30 V
Design Limit
–0.2
0.2
–0.2
0.2
mV/V
±0.02
±0.02
(1)
Accuracy is defined as the error between the output voltage and 10 mV/
˚F times the device’s case temperature at specified conditions of
voltage, current, and temperature (expressed in
˚F).
(2)
Tested limits are specified and 100% tested in production.
(3)
Design limits are specified (but not 100% production tested) over the indicated temperature and supply voltage ranges. These limits are
not used to calculate outgoing quality levels.
(4)
Nonlinearity is defined as the deviation of the output-voltage-versus-temperature curve from the best-fit straight line over the rated
temperature range of the device.
(5)
Regulation is measured at constant junction temperature using pulse testing with a low duty cycle. Changes in output due to heating
effects can be computed by multiplying the internal dissipation by the thermal resistance.
Copyright © 2000–2016, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com