Electronic Components Datasheet Search
  English  ▼

X  

LM34 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM34
Description  LM34 Precision Fahrenheit Temperature Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM34 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM34 Datasheet HTML 9Page - Texas Instruments LM34 Datasheet HTML 10Page - Texas Instruments LM34 Datasheet HTML 11Page - Texas Instruments LM34 Datasheet HTML 12Page - Texas Instruments LM34 Datasheet HTML 13Page - Texas Instruments LM34 Datasheet HTML 14Page - Texas Instruments LM34 Datasheet HTML 15Page - Texas Instruments LM34 Datasheet HTML 16Page - Texas Instruments LM34 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
LM34
www.ti.com
SNIS161D – MARCH 2000 – REVISED JANUARY 2016
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The features of the LM34 device make it suitable for many general temperature sensing applications. Multiple
package options expand on flexibility of the device.
8.2 Typical Application
8.2.1 Basic Fahrenheit Temperature Sensor Application
Figure 14. Basic Fahrenheit Temperature Sensor (5°F to 300°F)
8.2.1.1 Design Requirements
Table 1. Key Requirements
PARAMETER
VALUE
Accuracy at 77°F
±2°F
Accuracy from –50°F to 300°F
±3°F
Temperature Slope
10 mV/°F
8.2.1.2 Detailed Design Procedure
Because the LM34 is a simple temperature sensor that provides an analog output, design requirements related
to layout are more important than electrical requirements (see Layout).
8.2.1.3 Application Curve
Figure 15. Temperature Error
Copyright © 2000–2016, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com