Electronic Components Datasheet Search
  English  ▼

X  

LM3526 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM3526
Description  LM3526 Dual Port USB Power Switch and Over-Current Protection
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3526 Datasheet(HTML) 4 Page - Texas Instruments

  LM3526 Datasheet HTML 1Page - Texas Instruments LM3526 Datasheet HTML 2Page - Texas Instruments LM3526 Datasheet HTML 3Page - Texas Instruments LM3526 Datasheet HTML 4Page - Texas Instruments LM3526 Datasheet HTML 5Page - Texas Instruments LM3526 Datasheet HTML 6Page - Texas Instruments LM3526 Datasheet HTML 7Page - Texas Instruments LM3526 Datasheet HTML 8Page - Texas Instruments LM3526 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LM3526
SNVS054E – FEBRUARY 2000 – REVISED MARCH 2013
www.ti.com
DC Electrical Characteristics (continued)
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: VIN = 5.0V, VEN = 0V (LM3526-L) or VEN = VIN (LM3526-H).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IFH
Error Flag Leakage Current
Vflag = 5V
0.01
1
µA
AC Electrical Characteristics
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: VIN = 5.0V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tr
OUT Rise Time
RL = 10Ω
100
µs
tf
OUT Fall Time
RL = 10Ω
5
µs
tON
Turn on Delay, EN to OUT
RL = 10Ω
150
µs
tOFF
Turn off Delay, EN to OUT
RL = 10Ω
5
µs
tOC
Over Current Flag Delay
RL = 0
1
ms
TYPICAL APPLICATION CIRCUIT
PIN DESCRIPTIONS
Pin Number
Pin Name
Pin Function
1, 4
ENA, ENB
Enable (Input): Logic-compatible enable inputs.
(LM3526-L)
ENA, ENB
(LM3526-H)
2, 3
FLAG A
Fault Flag (Output): Active-low, open-drain outputs. Indicates overcurrent, UVLO or thermal shutdown.
FLAG B
*See Application Information for more information.
6
GND
Ground
7
IN
Supply Input: This pin is the input to the power switch and the supply voltage for the IC.
8, 5
OUT A
Switch Output: These pins are the outputs of the high side switch.
OUT B
Figure 3. Typical Application Circuit
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM3526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com