Electronic Components Datasheet Search
  English  ▼

X  

LM3526 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3526
Description  LM3526 Dual Port USB Power Switch and Over-Current Protection
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3526 Datasheet(HTML) 1 Page - Texas Instruments

  LM3526 Datasheet HTML 1Page - Texas Instruments LM3526 Datasheet HTML 2Page - Texas Instruments LM3526 Datasheet HTML 3Page - Texas Instruments LM3526 Datasheet HTML 4Page - Texas Instruments LM3526 Datasheet HTML 5Page - Texas Instruments LM3526 Datasheet HTML 6Page - Texas Instruments LM3526 Datasheet HTML 7Page - Texas Instruments LM3526 Datasheet HTML 8Page - Texas Instruments LM3526 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LM3526
www.ti.com
SNVS054E – FEBRUARY 2000 – REVISED MARCH 2013
LM3526 Dual Port USB Power Switch and Over-Current Protection
Check for Samples: LM3526
1
FEATURES
DESCRIPTION
The LM3526 provides Universal Serial Bus standard
2
•
Compatible with USB1.1 and USB 2.0
power switch and over-current protection for all host
•
1 ms Fault Flag Delay Filters Hot-Plug Events
port applications. The dual port device is ideal for
•
Smooth Turn-on Eliminates In-rush Induced
Notebook and desktop PC's that supply power to
Voltage Drop
more than one port.
•
UL Recognized Component: REF# 205202
A 1 ms delay on the fault flag output prevents
erroneous overcurrent reporting caused by in-rush
•
1A Nominal Short Circuit Output Current
currents during hot-plug events.
Protects PC Power Supplies
•
Thermal Shutdown Protects Device in Direct
The dual stage thermal protection circuit in the
Short Condition
LM3526 provides individual protection to each switch
and the entire device. In a short-circuit/over-current
•
500mA Minimum Continuous Load Current
event, the switch dissipating excessive heat is turned
•
Small SOIC-8 package minimizes board space
off, allowing the second switch to continue to function
•
2.7V to 5.5V Input Voltage Range
uninterrupted.
•
140 m
Ω Max. Switch Resistance
The LM3526 accepts an input voltage between 2.7V
•
1 µA Max. Standby Current
and 5.5V allowing use as a device-based in-rush
current limiter for 3.3V USB peripherals, as well as
•
200 µA Max. Operating Current
Root and Self-Powered Hubs at 5.5V. The Enable
•
Under-voltage Lockout (UVLO)
inputs accept both 3.3V and 5.0V logic thresholds.
The small size, low RON, and 1 ms fault flag delay
APPLICATIONS
make the LM3526 a good choice for root hubs as well
•
Universal Serial Bus (USB) Root Hubs
as per-port power control in embedded and stand-
including Desktop and Notebook PC
alone hubs.
•
USB Monitor Hubs
•
Other Self-Powered USB Hub Devices
•
High Power USB Devices Requiring In-rush
Limiting
•
General Purpose High Side Switch
Applications
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3526

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3526 NSC-LM3526 Datasheet
323Kb / 11P
Dual Port USB Power Switch and Over-Current Protection
LM3526-H NSC-LM3526-H Datasheet
323Kb / 11P
Dual Port USB Power Switch and Over-Current Protection
LM3526-L NSC-LM3526-L Datasheet
323Kb / 11P
Dual Port USB Power Switch and Over-Current Protection
LM3526M-H NSC-LM3526M-H Datasheet
323Kb / 11P
Dual Port USB Power Switch and Over-Current Protection
logo
Texas Instruments
LM3526M-H TI1-LM3526M-H Datasheet
1Mb / 18P
LM3526 Dual Port USB Power Switch and Over-Current Protection
More results

Similar Description - LM3526

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3525 NSC-LM3525 Datasheet
243Kb / 10P
Single Port USB Power Switch and Over-Current Protection
LM3526 NSC-LM3526 Datasheet
323Kb / 11P
Dual Port USB Power Switch and Over-Current Protection
LM3544 NSC-LM3544 Datasheet
349Kb / 13P
Quad Port USB Power Distribution Switch and Over-Current Protection
LM3543 NSC-LM3543 Datasheet
316Kb / 12P
Triple Port USB Power Distribution Switch and Over-Current Protection
logo
Unisonic Technologies
US3026A UTC-US3026A Datasheet
161Kb / 11P
DUAL-CHANNEL USB POWER SWITCH AND OVER-CURRENT PROTECTION
US2026A UTC-US2026A Datasheet
224Kb / 11P
DUAL-CHANNEL USB POWER SWITCH AND OVER-CURRENT PROTECTION
logo
Protek Devices
PA3526 PROTEC-PA3526 Datasheet
235Kb / 3P
Dual USB Power Control Switch with Over-Current/Voltage Protection
logo
Texas Instruments
LM3526MX-H TI1-LM3526MX-H Datasheet
1Mb / 18P
LM3526 Dual Port USB Power Switch and Over-Current Protection
logo
Microchip Technology
UCS2112 MICROCHIP-UCS2112 Datasheet
930Kb / 64P
USB Dual-Port Power Switch and Current Monitor
07/14/15
logo
Texas Instruments
LM3525 TI1-LM3525 Datasheet
1Mb / 17P
Single Port USB Power Switch and Over-Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com