Electronic Components Datasheet Search
  English  ▼

X  

LM3526 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM3526
Description  LM3526 Dual Port USB Power Switch and Over-Current Protection
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3526 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3526 Datasheet HTML 4Page - Texas Instruments LM3526 Datasheet HTML 5Page - Texas Instruments LM3526 Datasheet HTML 6Page - Texas Instruments LM3526 Datasheet HTML 7Page - Texas Instruments LM3526 Datasheet HTML 8Page - Texas Instruments LM3526 Datasheet HTML 9Page - Texas Instruments LM3526 Datasheet HTML 10Page - Texas Instruments LM3526 Datasheet HTML 11Page - Texas Instruments LM3526 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
LM3526
SNVS054E – FEBRUARY 2000 – REVISED MARCH 2013
www.ti.com
FUNCTIONAL DESCRIPTION
The LM3526-H and LM3526-L are high side P-Channel switches with active-high and active-low enable inputs,
respectively. Fault conditions turn-off and inhibit turn-on of the output transistor and activate the open-drain error
flag transistor sinking current to the ground.
INPUT AND OUTPUT
IN (Input) is the power supply connection to the control circuitry and the source of the output MOSFET.
OUT (Output) is the connection to the drain of the output MOSFET. In a typical application circuit, current flows
through the switch from IN to OUT towards the load.
If VOUT is greater than VIN when the switch is enabled, current will flow from OUT to IN since the MOSFET is
bidirectional.
THERMAL SHUTDOWN
The LM3526 is internally protected against excessive power dissipation by a two-stage thermal protection circuit.
If the device temperature rises to approximately 145°C, the thermal shutdown circuitry turns off any switch that is
current limited. Non-overloaded switches continue to function normally. If the die temperature rises above 150°C,
both switches are turned off and both fault flag outputs are activated. Hysteresis ensures that a switch turned off
by thermal shutdown will not be turned on again until the die temperature is reduced to 135°C. Shorted switches
will continue to cycle off and on, due to the rising and falling die temperature, until the short is removed.
UNDERVOLTAGE LOCKOUT
UVLO prevents the MOSFET switch from turning on until input voltage exceeds 1.8V (typical).
If input voltage drops below 1.8V (typical), UVLO shuts off the MOSFET switch and signals the fault flag. UVLO
functions only when device is enabled.
CURRENT LIMIT
The current limit circuit is designed to protect the system supply, the MOSFET switches and the load from
damage caused by excessive currents. The current limit threshold is set internally to allow a minimum of 500 mA
through the MOSFET but limits the output current to approximately 1.0A typical.
FAULT FLAG
The fault flag is an open-drain output capable of sinking 10 mA load current to typically 100 mV above ground.
A parasitic diode exists between the flag pins and VIN pin. Pulling the flag pins to voltages higher than VIN will
forward bias this diode and will cause an increase in supply current. This diode will also clamp the voltage on the
flag pins to a diode drop above VIN.
The fault flag is active (pulled low) when any of the following conditions are present: under-voltage, current limit,
or thermal shutdown.
A 1ms (typ.) delay in reporting the fault condition prevents erroneous fault flags and eliminates the need for an
external RC delay network.
Application Information
FILTERING
The USB specification indicates that “no less than 120 µF tantalum capacitors” must be used on the output of
each downstream port. This bulk capacitance provides the short-term transient current needed during a hot plug-
in. Current surges caused by the input capacitance of the down stream device could generate undesirable EMI
signals. Ferrite beads in series with all power and ground lines are recommended to eliminate or significantly
reduce EMI.
In selecting a ferrite bead, the DC resistance of the wire used must be kept to a minimum to reduce the voltage
drop.
8
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM3526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com