Electronic Components Datasheet Search
  English  ▼

X  

LM4880 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM4880
Description  LM4880 Dual 250 mW Audio Power Amplifier with Shutdown Mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4880 Datasheet(HTML) 3 Page - Texas Instruments

  LM4880 Datasheet HTML 1Page - Texas Instruments LM4880 Datasheet HTML 2Page - Texas Instruments LM4880 Datasheet HTML 3Page - Texas Instruments LM4880 Datasheet HTML 4Page - Texas Instruments LM4880 Datasheet HTML 5Page - Texas Instruments LM4880 Datasheet HTML 6Page - Texas Instruments LM4880 Datasheet HTML 7Page - Texas Instruments LM4880 Datasheet HTML 8Page - Texas Instruments LM4880 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LM4880
www.ti.com
SNAS103C – NOVEMBER 1995 – REVISED MAY 2013
Operating Ratings
Temperature Range
TMIN≤TA≤TMAX
−40°C≤TA≤+85°C
Supply Voltage
2.7V
≤VDD≤5.5V
Electrical Characteristics
(1) (2)
The following specifications apply for VDD = 5V unless otherwise specified. Limits apply for TA = 25°C.
Symbol
Parameter
Conditions
LM4880
Units
(Limits)
Typical
Limit
(3)
(4)
VDD
Supply Voltage
2.7
V (min)
5.5
V (max)
IDD
Quiescent Power Supply Current
VIN=0V, IO=0A
3.6
6.0
mA (max)
ISD
Shutdown Current
VPIN5=VDD
0.7
5
μA (max)
VOS
Output Offset Voltage
VIN=0V
5
50
mV (max)
PO
Output Power
THD=0.1% (max); f=1 kHz;
RL=8Ω
250
200
mW (min)
RL=32Ω
85
mW
THD+N=10%; f=1 kHz
RL=8Ω
325
mW
RL=32Ω
110
mW
THD+N
Total Harmonic Distortion+Noise
RL=8Ω, PO=200 mW;
0.03
%
RL=32Ω, PO=75 mW;
0.02
%
f=1 kHz
PSRR
Power Supply Rejection Ratio
CB = 1.0 μF,
50
dB
VRIPPLE=200 mVrms, f = 100 Hz
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage may occur. Operating Ratings indicate conditions for which the device
is functional, but do not specify specific performance limits. Electrical Characteristics state DC and AC electrical specifications under
particular test conditions which ensure specific performance limits. This assumes that the device is within the Operating Ratings.
Specifications are not specified for parameters where no limit is given, however, the typical value is a good indication of device
performance.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are ensured to TI's AOQL (Average Outgoing Quality Level).
Automatic Shutdown Circuit
Figure 3. Automatic Shutdown Circuit
Copyright © 1995–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4880



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com