Electronic Components Datasheet Search
  English  ▼

X  

LM4880 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM4880
Description  LM4880 Dual 250 mW Audio Power Amplifier with Shutdown Mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4880 Datasheet(HTML) 4 Page - Texas Instruments

  LM4880 Datasheet HTML 1Page - Texas Instruments LM4880 Datasheet HTML 2Page - Texas Instruments LM4880 Datasheet HTML 3Page - Texas Instruments LM4880 Datasheet HTML 4Page - Texas Instruments LM4880 Datasheet HTML 5Page - Texas Instruments LM4880 Datasheet HTML 6Page - Texas Instruments LM4880 Datasheet HTML 7Page - Texas Instruments LM4880 Datasheet HTML 8Page - Texas Instruments LM4880 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LM4880
SNAS103C – NOVEMBER 1995 – REVISED MAY 2013
www.ti.com
Automatic Switching Circuit
Figure 4. Automatic Switching Circuit
External Components Description
(Figure 2)
Components
Functional Description
1.
Ri
Inverting input resistance which sets the closed-loop gain in conjunction with RF. This resistor also forms a high
pass filter with Ci at fc = 1/(2πRiCi).
2.
Ci
Input coupling capacitor which blocks the DC voltage at the amplifier's input terminals. Also creates a high pass
filter with Ri at fc = 1/(2πRiCi). Refer to PROPER SELECTION OF EXTERNAL COMPONENTS for an explanation
of how to determine the value of Ci.
3.
RF
Feedback resistance which sets closed-loop gain in conjunction with Ri.
4.
CS
Supply bypass capacitor which provides power supply filtering. Refer to Application Information for proper
placement and selection of the supply bypass capacitor.
5.
CB
Bypass pin capacitor which provides half-supply filtering. Refer to PROPER SELECTION OF EXTERNAL
COMPONENTS for information concerning proper placement and selection of CB.
6.
Co
Output coupling capacitor which blocks the DC voltage at the amplifier's output. Forms a high pass filter with RL at
fo = 1/(2πRLCo).
4
Submit Documentation Feedback
Copyright © 1995–2013, Texas Instruments Incorporated
Product Folder Links: LM4880



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com