Electronic Components Datasheet Search
  English  ▼

X  

LM4880 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM4880
Description  LM4880 Dual 250 mW Audio Power Amplifier with Shutdown Mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4880 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM4880 Datasheet HTML 8Page - Texas Instruments LM4880 Datasheet HTML 9Page - Texas Instruments LM4880 Datasheet HTML 10Page - Texas Instruments LM4880 Datasheet HTML 11Page - Texas Instruments LM4880 Datasheet HTML 12Page - Texas Instruments LM4880 Datasheet HTML 13Page - Texas Instruments LM4880 Datasheet HTML 14Page - Texas Instruments LM4880 Datasheet HTML 15Page - Texas Instruments LM4880 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LM4880
SNAS103C – NOVEMBER 1995 – REVISED MAY 2013
www.ti.com
In addition to system cost and size, click and pop performance is effected by the size of the input coupling
capacitor, Ci. A larger input coupling capacitor requires more charge to reach its quiescent DC voltage (normally
1/2 VDD.) This charge comes from the output via the feedback and is apt to create pops upon device enable.
Thus, by minimizing the capacitor size based on necessary low frequency response, turn-on pops can be
minimized.
Besides minimizing the input and output capacitor sizes, careful consideration should be paid to the bypass
capacitor size. The bypass capacitor, CB, is the most critical component to minimize turn-on pops since it
determines how fast the LM4880 turns on. The slower the LM4880's outputs ramp to their quiescent DC voltage
(nominally 1/2 VDD), the smaller the turn-on pop. Choosing CB equal to 1.0 μF along with a small value of Ci (in
the range of 0.1
μF to 0.39 μF), should produce a virtually clickless and popless shutdown function. While the
device will function properly, (no oscillations or motorboating), with CB equal to 0.1 μF, the device will be much
more susceptible to turn-on clicks and pops. Thus, a value of CB equal to 1.0 μF or larger is recommended in all
but the most cost sensitive designs.
AUDIO POWER AMPLIFIER DESIGN
Design a Dual 200 mW/8
Ω Audio Amplifier
Given:
Power Output:
200 mWrms
Load Impedance:
8
Ω
Input Level:
1 Vrms (max)
Input Impedance:
20 k
Ω
Bandwidth:
100 Hz–20 kHz ± 0.50 dB
A designer must first determine the needed supply rail to obtain the specified output power. Calculating the
required supply rail involves knowing two parameters, Vopeak and also the dropout voltage. As shown in Typical
Performance Characteristics, the dropout voltage is typically 0.5V. Vopeak can be determined from Equation 3.
(3)
For 200 mW of output power into an 8
Ω load, the required Vopeak is 1.79V. Since this is a single supply
application, the minimum supply voltage is twice the sum of Vopeak and Vod. Since 5V is a standard supply
voltage in most applications, it is chosen for the supply rail. Extra supply voltage creates headroom that allows
the LM4880 to reproduce peaks in excess of 200 mW without clipping the signal. At this time, the designer must
make sure that the power supply choice along with the output impedance does not violate the conditions
explained in POWER DISSIPATION. Remember that the maximum power dissipation value from Equation 1
must be multiplied by two since there are two independent amplifiers inside the package.
Once the power dissipation equations have been addressed, the required gain can be determined from
Equation 4.
(4)
AV = −RF/Ri
(5)
From Equation 4, the minimum gain is:
AV = −1.26
Since the desired input impedance was 20 k
Ω, and with a gain of −1.26, a value of 27 kΩ is designated for Rf,
assuming 5% tolerance resistors. This combination results in a nominal gain of
−1.35. The final design step is to
address the bandwidth requirements which must be stated as a pair of
−3 dB frequency points. Five times away
from a
−3 dB point is 0.17 dB down from passband response assuming a single pole roll-off. As stated in
External Components Description, both Ri in conjunction with Ci, and Co with RL, create first order high pass
filters. Thus to obtain the desired frequency low response of 100 Hz within ± 0.5 dB, both poles must be taken
into consideration. The combination of two single order filters at the same frequency forms a second order
response. This results in a signal which is down 0.34 dB at five times away from the single order filter
−3 dB
point. Thus, a frequency of 20 Hz is used in the following equations to ensure that the response if better than 0.5
dB down at 100 Hz.
Ci ≥ 1/(2π*20kΩ*20Hz) = 0.397 μF; use 0.39 μF
12
Submit Documentation Feedback
Copyright © 1995–2013, Texas Instruments Incorporated
Product Folder Links: LM4880



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com