Electronic Components Datasheet Search
  English  ▼

X  

LM5576 Datasheet(PDF) 22 Page - Texas Instruments

Part # LM5576
Description  LM5576/-Q1 SIMPLE SWITCHER® 75 V, 3 A Step-Down Switching Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5576 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM5576 Datasheet HTML 18Page - Texas Instruments LM5576 Datasheet HTML 19Page - Texas Instruments LM5576 Datasheet HTML 20Page - Texas Instruments LM5576 Datasheet HTML 21Page - Texas Instruments LM5576 Datasheet HTML 22Page - Texas Instruments LM5576 Datasheet HTML 23Page - Texas Instruments LM5576 Datasheet HTML 24Page - Texas Instruments LM5576 Datasheet HTML 25Page - Texas Instruments LM5576 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
REF LEVEL
0.000 dB
0.0 deg
100
1k
START 50.000 Hz
10k
STOP 50 000.000 Hz
/DIV
10.000 dB
45.000 deg
0
GAIN
PHASE
REF LEVEL
0.000 dB
0.0 deg
100
1k
START 50.000 Hz
10k
STOP 50 000.000 Hz
/DIV
10.000 dB
45.000 deg
0
GAIN
PHASE
22
LM5576, LM5576-Q1
SNVS447J – JANUARY 2007 – REVISED NOVEMBER 2014
www.ti.com
Product Folder Links: LM5576 LM5576-Q1
Submit Documentation Feedback
Copyright © 2007–2014, Texas Instruments Incorporated
Figure 20. Gain and Phase of Modulator R = 5 Ohms and
C = 177 µF Loadout
Components R4 and C5 configure the error amplifier as a type II configuration which has a pole at DC and a
zero at fZ = 1 / (2πR4C5). The error amplifier zero cancels the modulator pole leaving a single pole response at
the crossover frequency of the loop gain. A single pole response at the crossover frequency yields a very stable
loop with 90 degrees of phase margin.
For the design example, a target loop bandwidth (crossover frequency) of 20 kHz was selected. The
compensation network zero (fZ) should be selected at least an order of magnitude less than the target crossover
frequency. This constrains the product of R4 and C5 for a desired compensation network zero 1 / (2π R4 C5) to
be less than 2 kHz. Increasing R4, while proportionally decreasing C5, increases the error amp gain. Conversely,
decreasing R4 while proportionally increasing C5, decreases the error amp gain. For the design example C5 was
selected for 0.01-µF and R4 was selected for 49.9 k
Ω. These values configure the compensation network zero at
320 Hz. The error amp gain at frequencies greater than fZ is: R4 / R5, which is approximately 10 (20 dB).
Figure 21. Error Amplifier Gain and Phase
The overall loop can be predicted as the sum (in dB) of the modulator gain and the error amp gain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com