Electronic Components Datasheet Search
  English  ▼

X  

LM5576 Datasheet(PDF) 14 Page - Texas Instruments

Part # LM5576
Description  LM5576/-Q1 SIMPLE SWITCHER® 75 V, 3 A Step-Down Switching Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5576 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM5576 Datasheet HTML 10Page - Texas Instruments LM5576 Datasheet HTML 11Page - Texas Instruments LM5576 Datasheet HTML 12Page - Texas Instruments LM5576 Datasheet HTML 13Page - Texas Instruments LM5576 Datasheet HTML 14Page - Texas Instruments LM5576 Datasheet HTML 15Page - Texas Instruments LM5576 Datasheet HTML 16Page - Texas Instruments LM5576 Datasheet HTML 17Page - Texas Instruments LM5576 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
RAMP
VCC
CRAMP
RRAMP
14
LM5576, LM5576-Q1
SNVS447J – JANUARY 2007 – REVISED NOVEMBER 2014
www.ti.com
Product Folder Links: LM5576 LM5576-Q1
Submit Documentation Feedback
Copyright © 2007–2014, Texas Instruments Incorporated
Device Functional Modes (continued)
With this value, the scale factor of the emulated current ramp will be approximately equal to the scale factor of
the DC level sample and hold ( 0.5 V / A). The CRAMP capacitor should be located very close to the device and
connected directly to the pins of the IC (RAMP and AGND).
For duty cycles greater than 50%, peak current mode control circuits are subject to sub-harmonic oscillation.
Sub-harmonic oscillation is normally characterized by observing alternating wide and narrow pulses at the switch
node. Adding a fixed slope voltage ramp (slope compensation) to the current sense signal prevents this
oscillation. The 25 µA of offset current provided from the emulated current source adds some fixed slope to the
ramp signal. In some high output voltage, high duty cycle applications, additional slope may be required. In these
applications, a pull-up resistor may be added between the VCC and RAMP pins to increase the ramp slope
compensation.
For VOUT > 7.5 V:
Calculate optimal slope current, IOS = VOUT x 5 µA/V.
For example, at VOUT = 10 V, IOS = 50 µA.
Install a resistor from the RAMP pin to VCC:
RRAMP = VCC / (IOS - 25 µA)
(4)
Figure 15. RRAMP to VCC for VOUT > 7.5 V
Note that the emulated ramp signal on CRAMP is applied to the current limit comparator as described in the
Current Limit section below. Increasing the ramp slope will result in lower current limit threshold. This can lower
the output current capability of the part to less than 3 A in some conditions. The resulting current limit threshold
can be calculated by the following equation:
where
•
VCL = 2.1 V
•
gm = 5 µA/V
•
Ioffset = 25 µA
•
A x Rs = 0.5 V/A
•
VCC = 7 V
•
T = switching period
•
D = duty cycle (approximately VOUT / VIN)
•
L = inductor value
•
CRAMP = ramp capacitor value
•
RRAMP = ramp resistor value
(5)
If the recommended CRAMP and RRAMP values are used, then the following simplified equation calculates the
current limit threshold:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com