Electronic Components Datasheet Search
  English  ▼

X  

ADCS9888 Datasheet(PDF) 22 Page - Texas Instruments

Part # ADCS9888
Description  High Performance Quad DVGA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADCS9888 Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADCS9888 Datasheet HTML 18Page - Texas Instruments ADCS9888 Datasheet HTML 19Page - Texas Instruments ADCS9888 Datasheet HTML 20Page - Texas Instruments ADCS9888 Datasheet HTML 21Page - Texas Instruments ADCS9888 Datasheet HTML 22Page - Texas Instruments ADCS9888 Datasheet HTML 23Page - Texas Instruments ADCS9888 Datasheet HTML 24Page - Texas Instruments ADCS9888 Datasheet HTML 25Page - Texas Instruments ADCS9888 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
tCSH
1
st
clock
SCLK
8
th
clock
16
th
clock
CSb
tCSS
tCSH
tCSS
tODZ
SDO
tOZD
tOD
D7
D0
D1
SVA-30206511
Clock out
Chip Select out
Data Out
Data In
Control Logic
LMH6523
CLK
CSb
SDI
SDO
V+ (Logic High)
Recommended:
R = 300
to 2000
V+ (Logic) = 2.5V to 5V
For SDO (MISO) pin only:
VOH = V+,
VOL = (V+) - {0.012 * (R+20) + Vcesat}
Vcesat ~= 0.2V
R
20
12mA
Max
SVA-30206514
LMH6523
SNOSC88 – DECEMBER 2012
www.ti.com
Figure 53. Internal Operation of the SDO pin
R/Wb
Read / Write bit. A value of 1 indicates a read operation, while a value of 0 indicates a write operation.
Reserved
Not used. Must be set to 0.
ADDR:
Address of register to be read or written.
DATA
In a write operation the value of this field will be written to the addressed register when the chip select pin is deasserted. In
a read operation this field is ignored.
Figure 54. Read Timing
Table 4. Read Timing Data Output on SDO Pin
PARAMETER
DESCRIPTION
tCSH
Chip select hold time
tCSS
Chip select setup time
tOZD
Initial output data delay
tODZ
High impedance delay
tOD
Output data delay
22
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LMH6523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com