Electronic Components Datasheet Search
  English  ▼

X  

ADCS9888 Datasheet(PDF) 25 Page - Texas Instruments

Part # ADCS9888
Description  High Performance Quad DVGA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADCS9888 Datasheet(HTML) 25 Page - Texas Instruments

Back Button ADCS9888 Datasheet HTML 21Page - Texas Instruments ADCS9888 Datasheet HTML 22Page - Texas Instruments ADCS9888 Datasheet HTML 23Page - Texas Instruments ADCS9888 Datasheet HTML 24Page - Texas Instruments ADCS9888 Datasheet HTML 25Page - Texas Instruments ADCS9888 Datasheet HTML 26Page - Texas Instruments ADCS9888 Datasheet HTML 27Page - Texas Instruments ADCS9888 Datasheet HTML 28Page - Texas Instruments ADCS9888 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
0.0
0.1
0.2
0.3
0.4
0.5
-3
-2
-1
0
1
2
0
1
2
3
4
5
TIME ( s)
High Power Mode
Low Power Mode
Enable
VOUT
SVA-30206567
L2
L1
C1
C2
L5
ADC VIN +
ADC VIN -
ADC VCM
AMP VOUT -
AMP VOUT +
R1
R2
SVA-30206513
LMH6523
www.ti.com
SNOSC88 – DECEMBER 2012
Figure 56. Sample Filter
POWER SUPPLIES
The LMH6523 was designed primarily to be operated on 5V power supplies. The voltage range for V+ is 4.75V to
5.25V. Power supply accuracy of 2.5% or better is advised. When operated on a board with high speed digital
signals it is important to provide isolation between digital signal noise and the LMH6523 inputs. The
SP16160CH1RB reference board provides an example of good board layout.
DYNAMIC POWER MANAGEMENT, USING LOW POWER MODE
The LMH6523 offers the option of a reduced power mode of operation referred to as Low Power Mode. In this
mode of operation power consumption is reduced by approximately 20%. In many applications the linearity of the
LMH6523 is fully adequate for most signal conditions. This would apply for a radio in a noise limited environment
with no close-in blocker signals. During these conditions the LMH6523 can be operated in the low power mode.
When a blocking signal is detected, or when system dynamic range needs to be increased, the LMH6523 can be
rapidly switched from the Low Power Mode to the standard, High Power Mode.
The output response shown in Figure 57 is for a 2 MHz switching frequency pulse applied to the enable pin with
a 50 MHz input signal. Analysis with a spectrum analyzer showed that the power mode switching spurs created
by the switching signal were
−80dBc with respect to the 50 MHz tone signal. This shows that rapid switching of
power modes has virtually no impact on the signal quality.
Figure 57. Signal Output During Mode Change from High Power Mode to Low Power Mode
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LMH6523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com