Electronic Components Datasheet Search
  English  ▼

X  

ADCS9888 Datasheet(PDF) 23 Page - Texas Instruments

Part # ADCS9888
Description  High Performance Quad DVGA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADCS9888 Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADCS9888 Datasheet HTML 19Page - Texas Instruments ADCS9888 Datasheet HTML 20Page - Texas Instruments ADCS9888 Datasheet HTML 21Page - Texas Instruments ADCS9888 Datasheet HTML 22Page - Texas Instruments ADCS9888 Datasheet HTML 23Page - Texas Instruments ADCS9888 Datasheet HTML 24Page - Texas Instruments ADCS9888 Datasheet HTML 25Page - Texas Instruments ADCS9888 Datasheet HTML 26Page - Texas Instruments ADCS9888 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
DtHD
Valid Data
DtSUD
DtPLD
DtPHD
Valid Data
16
th clock
SCLK
SDI
SVA-30206510
LMH6523
www.ti.com
SNOSC88 – DECEMBER 2012
Figure 55. Write Timing – Data Written to SDI Pin
Table 5. Write Timing Data Input on SDI Pin
PARAMETER
DESCRIPTION
tPL
Minimum clock low time (clock duty dycle)
tPH
Minimum clock high time (clock duty cycle)
tSU
Input data setup time
tH
Input data hold time
Table 6. Serial Word Format for LMH6523
C7
C6
C5
C4
C3
C2
C1
C0
1= read
0
0
0
0
000= CHA
0=write
001=CHB
010=CHC
011=CHD
100=Fast Adjust
Table 7. CH A through D Register Definition
7
6
5
4
3
2
1
0
Reserved, =0
Reserved
Reserved
Attenuation Setting:
00000 = Maximum Gain
11111 = Minimum Gain
Table 8. Fast Adjust Register Definition
7
6
5
4
3
2
1
0
CH D
CH C
CH B
CH A
Table 9. Fast Adjust Codes
CODE
ACTION
00
No Change
01
Decrease Attenuation by 1 Step (1dB)
10
Increase Attenuation by 1 Step (1dB)
11
Reserved, action undefined
THERMAL MANAGEMENT
The LMH6523 is packaged in a thermally enhanced package. The exposed pad is connected to the GND pins. It
is recommended, but not necessary, that the exposed pad be connected to the supply ground plane. In any
case, the thermal dissipation of the device is largely dependent on the attachment of this pad to the system
printed circuit board (PCB). The exposed pad should be attached to as much copper on the PCB as possible,
preferably external copper. However, it is also very important to maintain good high speed layout practices when
designing a system board. Please refer to the LMH6522 evaluation board (available separately) for suggested
layout techniques.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LMH6523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com