Electronic Components Datasheet Search
  English  ▼

X  

LMP2014MT Datasheet(PDF) 2 Page - Texas Instruments

Part # LMP2014MT
Description  LMP2014MT Quad High Precision, Rail-to-Rail Output Operational Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP2014MT Datasheet(HTML) 2 Page - Texas Instruments

  LMP2014MT Datasheet HTML 1Page - Texas Instruments LMP2014MT Datasheet HTML 2Page - Texas Instruments LMP2014MT Datasheet HTML 3Page - Texas Instruments LMP2014MT Datasheet HTML 4Page - Texas Instruments LMP2014MT Datasheet HTML 5Page - Texas Instruments LMP2014MT Datasheet HTML 6Page - Texas Instruments LMP2014MT Datasheet HTML 7Page - Texas Instruments LMP2014MT Datasheet HTML 8Page - Texas Instruments LMP2014MT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
LMP2014MT
SNOSAK6B – DECEMBER 2004 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
ESD Tolerance
Human Body Model
2000V
Machine Model
200V
Supply Voltage
5.8V
Common-Mode Input Voltage
−0.3 ≤ VCM ≤ VCC +0.3V
Lead Temperature (soldering 10 sec.)
+300°C
Differential Input Voltage
±Supply Voltage
Current at Input Pin
30 mA
Current at Output Pin
30 mA
Current at Power Supply Pin
50 mA
(1)
Absolute Maximum Ratings indicate limits beyond which damage may occur. Operating Ratings indicate conditions for which the device
is intended to be functional, but specific performance is not ensured. For ensured specifications and test conditions, see the Electrical
Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
Operating Ratings
(1)
Supply Voltage
2.7V to 5.25V
Storage Temperature Range
−65°C to 150°C
Operating Temperature Range
LMP2014MT, LMP2014MTX
0°C to 70°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage may occur. Operating Ratings indicate conditions for which the device
is intended to be functional, but specific performance is not ensured. For ensured specifications and test conditions, see the Electrical
Characteristics.
2.7V DC Electrical Characteristics
Unless otherwise specified, all limits specified for T J = 25°C, V
+ = 2.7V, V-= 0V, V
CM = 1.35V, VO = 1.35V and RL > 1 MΩ.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
VOS
Input Offset Voltage
0.8
30
μV
60
Offset Calibration Time
0.5
10
ms
12
TCVOS
Input Offset Voltage
0.015
μV/°C
Long-Term Offset Drift
0.006
μV/month
Lifetime VOS Drift
2.5
μV
IIN
Input Current
-3
pA
IOS
Input Offset Current
6
pA
RIND
Input Differential Resistance
9
M
Ω
CMRR
Common Mode Rejection Ratio
−0.3 ≤ VCM ≤ 0.9V
95
130
dB
0
≤ VCM ≤ 0.9V
90
PSRR
Power Supply Rejection Ratio
95
120
dB
90
AVOL
Open Loop Voltage Gain
RL = 10 kΩ
95
130
90
dB
RL = 2 kΩ
90
124
85
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlations using
statistical quality control (SQC) method.
(2)
Typical values represent the most likely parametric norm.
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LMP2014MT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com