Electronic Components Datasheet Search
  English  ▼

X  

LMP2014MT Datasheet(PDF) 12 Page - Texas Instruments

Part # LMP2014MT
Description  LMP2014MT Quad High Precision, Rail-to-Rail Output Operational Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP2014MT Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMP2014MT Datasheet HTML 8Page - Texas Instruments LMP2014MT Datasheet HTML 9Page - Texas Instruments LMP2014MT Datasheet HTML 10Page - Texas Instruments LMP2014MT Datasheet HTML 11Page - Texas Instruments LMP2014MT Datasheet HTML 12Page - Texas Instruments LMP2014MT Datasheet HTML 13Page - Texas Instruments LMP2014MT Datasheet HTML 14Page - Texas Instruments LMP2014MT Datasheet HTML 15Page - Texas Instruments LMP2014MT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
+
-
+
-
VOUT
5V
R1
R2
R2
R1
10k, 0.1%
2k, 1%
2k, 1%
10k, 0.1%
R3
20:
LMP2014MT
SNOSAK6B – DECEMBER 2004 – REVISED MARCH 2013
www.ti.com
INPUT CURRENTS
The LMP2014's input currents are different than standard bipolar or CMOS input currents in that it appears as a
current flowing in one input and out the other. Under most operating conditions, these currents are in the
picoamp level and will have little or no effect in most circuits. These currents tend to increase slightly when the
common-mode voltage is near the minus supply. (See the typical curves.) At high temperatures such as 70°C,
the input currents become larger, 0.5 nA typical, and are both positive except when the VCM is near V
−. If
operation is expected at low common-mode voltages and high temperature, do not add resistance in series with
the inputs to balance the impedances. Doing this can cause an increase in offset voltage. A small resistance
such as 1 k
Ω can provide some protection against very large transients or overloads, and will not increase the
offset significantly.
PRECISION STRAIN-GAUGE AMPLIFIER
This Strain-Gauge amplifier (Figure 32) provides high gain (1006 or ~60 dB) with very low offset and drift. Using
the resistors' tolerances as shown, the worst case CMRR will be greater than 108 dB. The CMRR is directly
related to the resistor mismatch. The rejection of common-mode error, at the output, is independent of the
differential gain, which is set by R3. The CMRR is further improved, if the resistor ratio matching is improved, by
specifying tighter-tolerance resistors, or by trimming.
Figure 32.
Extending Supply Voltages and Output Swing by Using a Composite Amplifier Configuration:
In cases where substantially higher output swing is required with higher supply voltages, arrangements like the
ones shown in Figure 33 and Figure 34 could be used. These configurations utilize the excellent DC performance
of the LMP2014 while at the same time allow the superior voltage and frequency capabilities of the LM6171 to
set the dynamic performance of the overall amplifier. For example, it is possible to achieve ±12V output swing
with 300 MHz of overall GBW (AV = 100) while keeping the worst case output shift due to VOS less than 4 mV.
The LMP2014 output voltage is kept at about mid-point of its overall supply voltage, and its input common mode
voltage range allows the V- terminal to be grounded in one case (Figure 33, inverting operation) and tied to a
small non-critical negative bias in another (Figure 34, non-inverting operation). Higher closed-loop gains are also
possible with a corresponding reduction in realizable bandwidth. Table 1 shows some other closed loop gain
possibilities along with the measured performance in each case.
12
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LMP2014MT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com