Electronic Components Datasheet Search
  English  ▼

X  

LMP2014MT Datasheet(PDF) 7 Page - Texas Instruments

Part # LMP2014MT
Description  LMP2014MT Quad High Precision, Rail-to-Rail Output Operational Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP2014MT Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMP2014MT Datasheet HTML 3Page - Texas Instruments LMP2014MT Datasheet HTML 4Page - Texas Instruments LMP2014MT Datasheet HTML 5Page - Texas Instruments LMP2014MT Datasheet HTML 6Page - Texas Instruments LMP2014MT Datasheet HTML 7Page - Texas Instruments LMP2014MT Datasheet HTML 8Page - Texas Instruments LMP2014MT Datasheet HTML 9Page - Texas Instruments LMP2014MT Datasheet HTML 10Page - Texas Instruments LMP2014MT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
10
100
1k
100k
100k
FREQUENCY (Hz)
0
20
40
60
80
100
120
140
VS = 5V
100
10k
10M
FREQUENCY (Hz)
-20
20
100
1M
100k
1k
80
40
0
60
-30.0
30.0
150.0
120.0
60.0
0.0
90.0
RL = 1M
CL = < 20pF
VS = 2.7V OR 5V
VS = 5V
VS = 5V
VS = 2.7V
PHASE
GAIN
LMP2014MT
www.ti.com
SNOSAK6B – DECEMBER 2004 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
TA=25C, VS= 5V unless otherwise specified.
Max Output Swing vs. Supply Voltage
Max Output Swing vs. Supply Voltage
Figure 14.
Figure 15.
Min Output Swing vs. Supply Voltage
Min Output Swing vs. Supply Voltage
Figure 16.
Figure 17.
CMRR vs. Frequency
Open Loop Gain and Phase vs. Supply Voltage
Figure 18.
Figure 19.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMP2014MT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com