Electronic Components Datasheet Search
  English  ▼

X  

FPD03784 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD03784
Description  Low Power, Low EMI, TFT-LCD Column Driver with Dual, TTL Bus Inputs, 64 Grayshades, and 384 Outputs for XGA/SXGA Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD03784 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  FPD03784 Datasheet HTML 1Page - National Semiconductor (TI) FPD03784 Datasheet HTML 2Page - National Semiconductor (TI) FPD03784 Datasheet HTML 3Page - National Semiconductor (TI) FPD03784 Datasheet HTML 4Page - National Semiconductor (TI) FPD03784 Datasheet HTML 5Page - National Semiconductor (TI) FPD03784 Datasheet HTML 6Page - National Semiconductor (TI) FPD03784 Datasheet HTML 7Page - National Semiconductor (TI) FPD03784 Datasheet HTML 8Page - National Semiconductor (TI) FPD03784 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Digital AC Characteristics (2.5V Logic) (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
WEN
ENIOx Input Pulse Width
12
ns
t
ENPR
ENIOx Output Prop Delay
Load = 20pF
19
ns
t
LDLY
Delay to LOAD Pulse
3
CLKs
Note 10: Rise/Fall = 2.0ns max (10% to 90%)
Note 11: Does not need to be synchronous to clock.
Analog AC Characteristics
Supplies: V
SS1 =VSS2 = 0.0V, VDD1 = 3.3V, VDD2 = +9.5V, VHBIAS = 11.0V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
settle 90%
Output Settling Time to 90% of
Final Value
R
LOAD =5kΩ,CLOAD =40 pF
(Note 12)
2.4
µs
t
settle 99%
Output Settling Time to 99% of
Final Value
R
LOAD =5kΩ,CLOAD =40 pF
(Note 12)
2.8
µs
Note 12: ISIN = 40µA, IREF = 45µA, Charge Share Time = 400ns, VGMA1 = 9.3V, VGMA10 = 0.2V, VGMA5 = 5.2V, VGMA6 = 4.8V.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com