Electronic Components Datasheet Search
  English  ▼

X  

FPD03784 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD03784
Description  Low Power, Low EMI, TFT-LCD Column Driver with Dual, TTL Bus Inputs, 64 Grayshades, and 384 Outputs for XGA/SXGA Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD03784 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  FPD03784 Datasheet HTML 1Page - National Semiconductor (TI) FPD03784 Datasheet HTML 2Page - National Semiconductor (TI) FPD03784 Datasheet HTML 3Page - National Semiconductor (TI) FPD03784 Datasheet HTML 4Page - National Semiconductor (TI) FPD03784 Datasheet HTML 5Page - National Semiconductor (TI) FPD03784 Datasheet HTML 6Page - National Semiconductor (TI) FPD03784 Datasheet HTML 7Page - National Semiconductor (TI) FPD03784 Datasheet HTML 8Page - National Semiconductor (TI) FPD03784 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FPD03784
Low Power, Low EMI, TFT-LCD Column Driver with Dual,
TTL Bus Inputs, 64 Grayshades, and 384 Outputs for
XGA/SXGA Applications
General Description
The FPD03784 Column Driver is a direct drive, 64 gray level,
384 output, TFT-LCD column driver with a dual bus, TTL
data interface. It provides the capability to display 262,144
colors (18-bit color) with a large dynamic output range for
twisted nematic applications. When used in a bank with
other FPD03784 column drivers, the FPD03784 can support
both XGA (8 drivers) or SXGA (10 drivers) applications.
Output voltages are gamma corrected programmably to pro-
vide a direct mapping between digital video and LCD panel
brightness.
The FPD03784 offers a low power, low EMI column driver
solution with programmable output drive current and
direct-drive dynamic range, and dot-inversion addressing.
Features
n
Up to 65 MHz clock
n
Supports both XGA and SXGA timing
n
Supports notebook and monitor applications
n
Charge Conservation for low power consumption
n
64 Gray levels per color (18-bit color)
n
Externally programmable 2.2 gamma characteristic
n
Supports both Dot and N-Line inversion
n
Externally programmable gamma characteristic
n
Programmable drivability allows optimization for small or
large panel applications
n
Very low offsets for artifact-free images
n
High voltage outputs for high contrast in a large range of
display panel applications
System Diagram
DS200152-1
November 2001
© 2001 National Semiconductor Corporation
DS200152
www.national.com


Similar Part No. - FPD03784

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FPD-010R008-0E FUJITSU-FPD-010R008-0E Datasheet
1Mb / 13P
4-Channel Optical Transceiver Module
FPD-101R008-0E FUJITSU-FPD-101R008-0E Datasheet
137Kb / 11P
4-Channel Optical Transceiver
FPD-102R008-0E FUJITSU-FPD-102R008-0E Datasheet
137Kb / 11P
4-Channel Optical Transceiver
logo
ISOCOM COMPONENTS
FPD1 ISOCOM-FPD1 Datasheet
625Kb / 2P
Computer terminals
FPD1 ISOCOM-FPD1 Datasheet
278Kb / 6P
Computer terminals
More results

Similar Description - FPD03784

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH168D SHARP-LH168D Datasheet
937Kb / 13P
384 Outputs 64 Gradations TFT-LCD Source Driver
logo
National Semiconductor ...
FPD87392 NSC-FPD87392 Datasheet
1Mb / 30P
3.3V TFT-LCD Timing Controller with Dual LVDS Inputs/Dual RSDS??Outputs for TFT-LCD Monitor and Notebook (SXGA/SXGA/UXGA)
FPD33584 NSC-FPD33584 Datasheet
294Kb / 30P
Low Power, Low EMI, TFT-LCD Column Driver with RSDS Inputs, 64 Grayshades, and 384 Outputs for XGA/SXGA Applications
FPD87392AXA NSC-FPD87392AXA Datasheet
135Kb / 4P
3.3V TFT-LCD Timing Controller with Dual LVDS Inputs/Dual RSDS??Outputs for TFT-LCD Monitor and Notebook (SXGA/SXGA/UXGA)
LMC7532 NSC-LMC7532 Datasheet
31Kb / 2P
Low EMI, Low Power XGA/SVGA TFT-LCD Column Driver
FPD33684 NSC-FPD33684 Datasheet
232Kb / 15P
Low Power, Low EMI, TFT-LCD Column Driver with RSDS??Inputs, 64 Grayshades, and 384 Outputs for XGA/SXGA Applications
logo
Texas Instruments
FPD33680 TI1-FPD33680 Datasheet
259Kb / 18P
FPD33680 Low Power, Low EMI, TFT-LCD Column Driver with RSDS Inputs, 64 Grayshades, and 480 Outputs for SXGA/UXGA Applications
FPD33584 TI1-FPD33584_13 Datasheet
336Kb / 34P
Low Power, Low EMI, TFT-LCD Column Driver
FPD33680 TI1-FPD33680_13 Datasheet
257Kb / 20P
Low Power, Low EMI, TFT-LCD Column Driver
FPD87208 TI1-FPD87208_13 Datasheet
395Kb / 17P
Low EMI, Low Dynamic Power XGA/WXGA TFT-LCD Timing Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com