Electronic Components Datasheet Search
  English  ▼

X  

BC856 Datasheet(PDF) 2 Page - Multicomp Pro

Part # BC856
Description  PNP Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

BC856 Datasheet(HTML) 2 Page - Multicomp Pro

  BC856 Datasheet HTML 1Page - Multicomp Pro BC856 Datasheet HTML 2Page - Multicomp Pro BC856 Datasheet HTML 3Page - Multicomp Pro BC856 Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PNP
Transistor
General Purpose
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Page <2>
02/11/22
V1.1
Maximum Ratings and Characteristics : Tamb = 25°C unless otherwise specified
Ratings and Characteristic Curves
BC857A : VCE = - 5V
(1) Tamb = 150°C
(2) Tamb = 25°C
(3) Tamb = -55°C
DC Current Gain as a Function of Collector
Current; Typical Values
BC857A : VCE = -5 V
(1) Tamb = -55°C
(2) Tamb = 25°C
(3) Tamb = 150°C
Base-Emitter Voltage as a Function of
Collector Current; Typical Values
BC857A : IC / IB = 20
(1) Tamb = 150°C
(2) Tamb = 25°C
(3) Tamb = -55°C
Collector-Emitter Saturation Voltage as a Function
of Collector Current; Typical Values
BC857A : IC / IB = 20
(1) Tamb = -55°C
(2) Tamb = 25°C
(3) Tamb = 150°C
Base-Emitter Voltage as a Function of
Collector Current; Typical Values
BC857B : VCE = -5V
(1) Tamb = 150°C
(2) Tamb = 25°C
(3) Tamb = -55°C
DC Current Gain as a Function of Collector
Current; Typical Values
BC857B : VCE = -5V
(1) Tamb = -55°C
(2) Tamb = 25°C
(3) Tamb = 150°C
Base-Emitter Voltage as a Function of
Collector Current; Typical Values
Parameter
Symbol
Test Conditions
VCB = -10V, IE = IE = 0
f = 1MHz
IC = -200µA, VCE = -5V,
RS
=2kΩ f = 1kHz,
B = 200Hz
VCE = -10 IC = -50,
f = 20 MH
Min.
Typ.
Max.
Unit
Collector Capacitance
CC
-
4.5
-
pF
Transition Frequency
F
-
2
10
dB
Transition Frequency
fT
100
-
-
MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com