Electronic Components Datasheet Search
  English  ▼

X  

BC856 Datasheet(PDF) 4 Page - Multicomp Pro

Part # BC856
Description  PNP Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

BC856 Datasheet(HTML) 4 Page - Multicomp Pro

  BC856 Datasheet HTML 1Page - Multicomp Pro BC856 Datasheet HTML 2Page - Multicomp Pro BC856 Datasheet HTML 3Page - Multicomp Pro BC856 Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PNP
Transistor
General Purpose
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Page <4>
02/11/22
V1.1
Device
BC856 / 857 / 858
Package
Shipping
SOT-23
3,000 / Tape and Reel
Description
Part Number
Transistor, PNP, 0.1A, 65V, SOT23
BC856
Transistor, PNP, 0.1A, 65V, SOT23
BC856A
Transistor, PNP, 0.1A, 65V, SOT23
BC856B
Transistor, PNP, 0.1A, 45V, SOT23
BC857
Transistor, PNP, 0.1A, 45V, SOT23
BC857A
Transistor, PNP, 0.1A, 45V, SOT23
BC857B
Transistor, PNP, 0.1A, 45V, SOT23
BC857C
Transistor, PNP, 0.1A, 30V, SOT23
BC858B
Important Notice : This data sheet and its contents (the
“Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information a nd the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or
restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Soldering Footprint
Dimensions : Millimetres
Package Information
Part Number Table
Part Number
Marking code
BC856
3D
BC856A
3A
BC856B
3B
BC857
3H
BC857A
3E
BC857B
3F
BC857C
3G
BC858B
3K



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com