Electronic Components Datasheet Search
  English  ▼

X  

BC856 Datasheet(PDF) 1 Page - Multicomp Pro

Part # BC856
Description  PNP Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

BC856 Datasheet(HTML) 1 Page - Multicomp Pro

  BC856 Datasheet HTML 1Page - Multicomp Pro BC856 Datasheet HTML 2Page - Multicomp Pro BC856 Datasheet HTML 3Page - Multicomp Pro BC856 Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PNP
Transistor
General Purpose
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Page <1>
02/11/22
V1.1
Parameter
Collector - Base Voltage - BC856
BC857
BC858
Collector - Emitter Voltage - BC856
BC857
BC858
Emitter - Base Voltage
Collector Current - Continuous
Collector Dissipation
Junction and Storage Temperature
Symbol
VCBO
Values
-80
-50
-30
-65
-45
-30
-5
-0.1
250
-65 to +150
Unit
V
VCEO
VEBO
IC
PC
TJ, TSTG
A
mW
°C
Parameter
Symbol
Test Conditions
V(BR)CBO
IC = -10µA IB=0
hFE
VCE = -5V, Ic = -2mA
Min.
-80
-50
-30
-65
-45
-30
-5
-
-
125
125
220
420
Typ.
Max.
Unit
IC = -10µA IE=0
Collector-Base Breakdown Voltage
BC856
BC857
BC858
BC856
BC857
BC858
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
Emiter-Base Breakdown Voltage
Collector Cut-Off Current
Emitter Cut-Off Current
DC Current Gain BC856, 857
BC856A, 857A, 858A
BC856B, 857B, 858B
BC857C, 858C
V(BR)EBO
ICBO
IEBO
IE = -1µA IC = 0
VCB = -30V IE = 0
VEB = -5V, IC = 0
-
-1
-
-
-
-15
-0.1
475
250
475
800
-0.65
-0.3
nA
µA
-
Collector-Emitter Saturation Voltage
VCE(sat)
Base - Emitter Saturation Voltage
VBE(sat)
Ic = -100mA, IB = -5mA
Ic = -10mA, IB = -0.5mA
IC = -10mA, IB = -0.5mA
IC = -100mA, IB = -5mA
IC = -2mA, VCE = -5V
IC = -10mA, VCE = -5V
-
-
V
-
-0.7
-0.85
-
V
Base Emitter Voltage
VBE
-0.6
-0.65
-0.75
-0.82
V
Features
• Low current (maximum 100mA)
• Low voltage (maximum 65V)
Applications
• General purpose switching and amplification
Max. Ratings and Characteristics: TAMB = 25°C unless otherwise specified


Similar Part No. - BC856

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC856 PHILIPS-BC856 Datasheet
47Kb / 8P
PNP general purpose transistors
1999 Apr 12
logo
Fairchild Semiconductor
BC856 FAIRCHILD-BC856 Datasheet
68Kb / 5P
Switching and Amplifier Applications
logo
General Semiconductor
BC856 GE-BC856 Datasheet
231Kb / 6P
Small Signal Transistors (PNP)
logo
KEC(Korea Electronics)
BC856 KEC-BC856 Datasheet
247Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
AUK corp
BC856 AUK-BC856 Datasheet
92Kb / 3P
PNP Silicon Transistor (General purpose application Switching application)
More results

Similar Description - BC856

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com