Electronic Components Datasheet Search
  English  ▼

X  

LMP7732 Datasheet(PDF) 7 Page - Texas Instruments

Part # LMP7732
Description  2.9 nV/sqrt(Hz) Low Noise, RRIO Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7732 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMP7732 Datasheet HTML 3Page - Texas Instruments LMP7732 Datasheet HTML 4Page - Texas Instruments LMP7732 Datasheet HTML 5Page - Texas Instruments LMP7732 Datasheet HTML 6Page - Texas Instruments LMP7732 Datasheet HTML 7Page - Texas Instruments LMP7732 Datasheet HTML 8Page - Texas Instruments LMP7732 Datasheet HTML 9Page - Texas Instruments LMP7732 Datasheet HTML 10Page - Texas Instruments LMP7732 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
OUT B
1
2
3
4
5
6
7
8
OUT A
-IN A
+IN A
V
-
V
+
-IN B
+IN B
-
A
B
LMP7732
www.ti.com
SNOSAZ0E – AUGUST 2007 – REVISED MARCH 2013
5V Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = 5V, V− = 0V, V
CM = V
+/2, R
L > 10 kΩ to V
+/2. Boldface
limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
50
RL = 10 kΩ to V
+/2
8
75
Output Voltage Swing High
50
RL = 2 kΩ to V
+/2
24
75
mV from
VOUT
either rail
50
RL = 10 kΩ to V
+/2
9
75
Output Voltage Swing Low
50
RL = 2 kΩ to V
+/2
23
75
Sourcing, VOUT = V
+/2
33
47
VIN (diff) = 100 mV
27
IOUT
Output Current
mA
Sinking, VOUT = V
+/2
30
49
VIN (diff) = −100 mV
25
6.0
VCM = 4.5V
4.4
7.4
IS
Supply Current
mA
6.8
VCM = 0.5V
5.0
8.4
AV = +1, CL = 10 pF, RL = 10 kΩ to V
+/2
SR
Slew Rate
2.4
V/
μs
VOUT = 2 VPP
GBW
Gain Bandwidth
CL = 20 pF, RL = 10 kΩ to V
+/2
22
MHz
GM
Gain Margin
CL = 20 pF, RL = 10 kΩ to V
+/2
12
dB
ΦM
Phase Margin
CL = 20 pF, RL = 10 kΩ to V
+/2
65
deg
Differential Mode
38
k
Ω
RIN
Input Resistance
Common Mode
151
M
Ω
THD+ N Total Harmonic Distortion + Noise
AV = 1, fO = 1 kHz, Amplitude = 1V
0.001
%
f = 1 kHz, VCM = 4.5V
2.9
Input Referred Voltage Noise Density
nV/
√Hz
en
f = 1 kHz, VCM = 0.5V
2.9
Input Voltage Noise
0.1 Hz to 10 Hz
75
nVPP
f = 1 kHz, VCM = 4.5V
1.1
in
Input Referred Current Noise Density
pA/
√Hz
f = 1 kHz, VCM = 0.5V
2.2
Connection Diagram
8-Pin SOIC/VSSOP
Figure 1. Top View
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMP7732



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com