Electronic Components Datasheet Search
  English  ▼

X  

LMP7732 Datasheet(PDF) 13 Page - Texas Instruments

Part # LMP7732
Description  2.9 nV/sqrt(Hz) Low Noise, RRIO Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7732 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMP7732 Datasheet HTML 9Page - Texas Instruments LMP7732 Datasheet HTML 10Page - Texas Instruments LMP7732 Datasheet HTML 11Page - Texas Instruments LMP7732 Datasheet HTML 12Page - Texas Instruments LMP7732 Datasheet HTML 13Page - Texas Instruments LMP7732 Datasheet HTML 14Page - Texas Instruments LMP7732 Datasheet HTML 15Page - Texas Instruments LMP7732 Datasheet HTML 16Page - Texas Instruments LMP7732 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
1.5
2
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
0
5
10
15
20
25
30
35
40
125°C
85°C
25°C
-40°C
RL = 2 k:
1.5
2
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
0
1
2
3
4
5
6
7
-40°C
25°C
125°C
10 Ps/DIV
VS = 5V
VIN = 400 mVPP
f = 10 kHz
AV = +10
RL = 10 k:
CL = 10 pF
10 Ps/DIV
VS = 5V
VIN = 100 mVPP
f = 10 kHz
AV = +10
RL = 10 k:
CL = 10 pF
10 Ps/DIV
VS = 5V
VIN = 100 mVPP
f = 10 kHz
AV = +1
RL = 10 k:
CL = 10 pF
10 Ps/DIV
VS = 5V
VIN = 2 VPP
f = 10 kHz
AV = +1
RL = 10 k:
CL = 10 pF
LMP7732
www.ti.com
SNOSAZ0E – AUGUST 2007 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise noted: TA = 25°C, RL > 10 kΩ, VCM = VS/2.
Large Signal Step Response
Small Signal Step Response
Figure 32.
Figure 33.
Large Signal Step Response
Small Signal Step Response
Figure 34.
Figure 35.
Supply Current vs. Supply Voltage
Output Swing High vs. Supply Voltage
Figure 36.
Figure 37.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMP7732



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com