Electronic Components Datasheet Search
  English  ▼

X  

LMP7732 Datasheet(PDF) 11 Page - Texas Instruments

Part # LMP7732
Description  2.9 nV/sqrt(Hz) Low Noise, RRIO Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7732 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMP7732 Datasheet HTML 7Page - Texas Instruments LMP7732 Datasheet HTML 8Page - Texas Instruments LMP7732 Datasheet HTML 9Page - Texas Instruments LMP7732 Datasheet HTML 10Page - Texas Instruments LMP7732 Datasheet HTML 11Page - Texas Instruments LMP7732 Datasheet HTML 12Page - Texas Instruments LMP7732 Datasheet HTML 13Page - Texas Instruments LMP7732 Datasheet HTML 14Page - Texas Instruments LMP7732 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
0
0.5
1
1.5
2
2.5
-100
-80
-60
-40
-20
0
20
40
60
80
100
VCM (V)
VS = 2.5V
85°C
125°C
25°C
-40°C
0
0.5
1
1.5
2
2.5
3
3.5
-100
-80
-60
-40
-20
0
20
40
60
80
100
VCM (V)
125°C
85°C
25°C
VS = 3.3V
-40°C
0
5
10
15
20
25
30
-800
-600
-400
-200
0
200
400
600
800
1000
OUTPUT CURRENT (mA)
SOURCE
SINK
VS = 2.5V
VS = 2.5V, 3.3V, 5V
LMP7732
www.ti.com
SNOSAZ0E – AUGUST 2007 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise noted: TA = 25°C, RL > 10 kΩ, VCM = VS/2.
Time Domain Voltage Noise
Time Domain Voltage Noise
Figure 20.
Figure 21.
Time Domain Voltage Noise
Output Voltage vs. Output Current
Figure 22.
Figure 23.
Input Bias Current vs. VCM
Input Bias Current vs. VCM
Figure 24.
Figure 25.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMP7732



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com