Electronic Components Datasheet Search
  English  ▼

X  

LMT84 Datasheet(PDF) 4 Page - Texas Instruments

Part # LMT84
Description  LMT84-Q1 1.5-V, SC70, Analog Temperature Sensors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMT84 Datasheet(HTML) 4 Page - Texas Instruments

  LMT84 Datasheet HTML 1Page - Texas Instruments LMT84 Datasheet HTML 2Page - Texas Instruments LMT84 Datasheet HTML 3Page - Texas Instruments LMT84 Datasheet HTML 4Page - Texas Instruments LMT84 Datasheet HTML 5Page - Texas Instruments LMT84 Datasheet HTML 6Page - Texas Instruments LMT84 Datasheet HTML 7Page - Texas Instruments LMT84 Datasheet HTML 8Page - Texas Instruments LMT84 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
LMT84-Q1
SNIS178 – OCTOBER 2017
www.ti.com
Product Folder Links: LMT84-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Soldering process must comply with Reflow Temperature Profile specifications. Refer to www.ti.com/packaging.
(3)
When the input voltage (VI) at any pin exceeds power supplies (VI < GND or VI > V), the current at that pin should be limited to 5 mA.
7 Specifications
7.1 Absolute Maximum Ratings
See
(1) (2)
MIN
MAX
UNIT
Supply voltage
–0.3
6
V
Voltage at output pin
–0.3
(VDD + 0.5)
V
Output current
–7
7
mA
Input current at any pin(3)
–5
5
mA
Maximum junction temperature (TJMAX)
150
°C
Storage temperature Tstg
–65
150
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.2 ESD Ratings
VALUE
UNIT
LMT84DCK-Q1 in SC70 package
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±2500
V
Charged-device model (CDM), per AEC Q100-011
±1000
7.3 Recommended Operating Conditions
MIN
MAX
UNIT
Specified temperature
TMIN ≤ TA ≤ TMAX
°C
−50 ≤ TA ≤ 150
°C
Supply voltage (VDD)
1.5
5.5
V
(1)
For information on self-heating and thermal response time, see section Mounting and Thermal Conductivity.
(2)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report.
(3)
The junction to ambient thermal resistance (RθJA) under natural convection is obtained in a simulation on a JEDEC-standard, High-K
board as specified in JESD51-7, in an environment described in JESD51-2. Exposed pad packages assume that thermal vias are
included in the PCB, per JESD 51-5.
(4)
Changes in output due to self-heating can be computed by multiplying the internal dissipation by the thermal resistance.
7.4 Thermal Information
(1)
THERMAL METRIC(2)
LMT84-Q1
UNIT
DCK (SOT/SC70)
5 PINS
RθJA
Junction-to-ambient thermal resistance (3)(4)
275
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
84
°C/W
RθJB
Junction-to-board thermal resistance
56
°C/W
ψJT
Junction-to-top characterization parameter
1.2
°C/W
ψJB
Junction-to-board characterization parameter
55
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com