Electronic Components Datasheet Search
  English  ▼

X  

LMT84 Datasheet(PDF) 9 Page - Texas Instruments

Part # LMT84
Description  LMT84-Q1 1.5-V, SC70, Analog Temperature Sensors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMT84 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMT84 Datasheet HTML 5Page - Texas Instruments LMT84 Datasheet HTML 6Page - Texas Instruments LMT84 Datasheet HTML 7Page - Texas Instruments LMT84 Datasheet HTML 8Page - Texas Instruments LMT84 Datasheet HTML 9Page - Texas Instruments LMT84 Datasheet HTML 10Page - Texas Instruments LMT84 Datasheet HTML 11Page - Texas Instruments LMT84 Datasheet HTML 12Page - Texas Instruments LMT84 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
V2 - V1
T2 - T1
u
¹
·
V - V1 =
(T - T1)
30
)
00176
.
0
(
2
mV
V
6
.
870
00176
.
0
4
506
.
5
506
.
5
T
TEMP
2
u
u
u
2
TEMP
2
mV
mV
V
mV
870.6mV
5.506
T
30 C
0.00176
T
30 C
C
C
ª
º
ª
º
q
q
«
»
«
»
q
¬
¼
q
¬
¼
9
LMT84-Q1
www.ti.com
SNIS178 – OCTOBER 2017
Product Folder Links: LMT84-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
Table 3. LMT84-Q1 Transfer Table (continued)
TEMP
(°C)
VOUT
(mV)
TEMP
(°C)
VOUT
(mV)
TEMP
(°C)
VOUT
(mV)
TEMP
(°C)
VOUT
(mV)
TEMP
(°C)
VOUT
(mV)
–38
1236
2
1023
42
804
82
579
122
349
–37
1231
3
1017
43
799
83
574
123
343
–36
1226
4
1012
44
793
84
568
124
337
–35
1221
5
1007
45
788
85
562
125
332
–34
1215
6
1001
46
782
86
557
126
326
–33
1210
7
996
47
777
87
551
127
320
–32
1205
8
990
48
771
88
545
128
314
–31
1200
9
985
49
766
89
539
129
308
–30
1194
10
980
50
760
90
534
130
302
–29
1189
11
974
51
754
91
528
131
296
–28
1184
12
969
52
749
92
522
132
291
–27
1178
13
963
53
743
93
517
133
285
–26
1173
14
958
54
738
94
511
134
279
–25
1168
15
952
55
732
95
505
135
273
–24
1162
16
947
56
726
96
499
136
267
–23
1157
17
941
57
721
97
494
137
261
–22
1152
18
936
58
715
98
488
138
255
–21
1146
19
931
59
710
99
482
139
249
–20
1141
20
925
60
704
100
476
140
243
–19
1136
21
920
61
698
101
471
141
237
–18
1130
22
914
62
693
102
465
142
231
–17
1125
23
909
63
687
103
459
143
225
–16
1120
24
903
64
681
104
453
144
219
–15
1114
25
898
65
676
105
448
145
213
–14
1109
26
892
66
670
106
442
146
207
–13
1104
27
887
67
664
107
436
147
201
–12
1098
28
882
68
659
108
430
148
195
–11
1093
29
876
69
653
109
425
149
189
150
183
Although the LMT84-Q1 is very linear, the response does have a slight umbrella parabolic shape. This shape is
very accurately reflected in Table 3. The transfer table can be calculated by using the parabolic equation
(Equation 1).
(1)
The parabolic equation is an approximation of the transfer table and the accuracy of the equation degrades
slightly at the temperature range extremes. Equation 1 can be solved for T, resulting in:
(2)
For an even less accurate linear approximation, a line can easily be calculated over the desired temperature
range from the table using the two-point equation (Equation 3):
where
•
V is in mV,
•
T is in °C,
•
T1 and V1 are the coordinates of the lowest temperature,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com