Electronic Components Datasheet Search
  English  ▼

X  

LMT84 Datasheet(PDF) 13 Page - Texas Instruments

Part # LMT84
Description  LMT84-Q1 1.5-V, SC70, Analog Temperature Sensors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMT84 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMT84 Datasheet HTML 9Page - Texas Instruments LMT84 Datasheet HTML 10Page - Texas Instruments LMT84 Datasheet HTML 11Page - Texas Instruments LMT84 Datasheet HTML 12Page - Texas Instruments LMT84 Datasheet HTML 13Page - Texas Instruments LMT84 Datasheet HTML 14Page - Texas Instruments LMT84 Datasheet HTML 15Page - Texas Instruments LMT84 Datasheet HTML 16Page - Texas Instruments LMT84 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
LMT84
VOUT
VDD
SHUTDOWN
Any logic
device output
13
LMT84-Q1
www.ti.com
SNIS178 – OCTOBER 2017
Product Folder Links: LMT84-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Applications (continued)
9.2.2 Conserving Power Dissipation With Shutdown
Figure 14. Simple Shutdown Connection of the LMT84-Q1
9.2.2.1 Design Requirements
Because the power consumption of the LMT84-Q1 is less than 9 µA, it can simply be powered directly from any
logic gate output and therefore not require a specific shutdown pin. The device can even be powered directly
from a microcontroller GPIO. In this way, it can easily be turned off for cases such as battery-powered systems
where power savings are critical.
9.2.2.2 Detailed Design Procedure
Simply connect the VDD pin of the LMT84-Q1 directly to the logic shutdown signal from a microcontroller.
9.2.2.3 Application Curves
Time: 500 µs/div; Top trace: VDD 1 V/div;
Bottom trace: OUT 1 V/div
Figure 15. Output Turnon Response Time Without a
Capacitive Load and VDD= 3.3 V
Time: 500 µs/div; Top trace: VDD 2 V/div;
Bottom trace: OUT 1 V/div
Figure 16. Output Turnon Response Time Without a
Capacitive Load and VDD= 5 V
Time: 500 µs/div; Top trace: VDD 1 V/div;
Bottom trace: OUT 1 V/div
Figure 17. Output Turnon Response Time With 1.1-Nf
Capacitive Load and VDD= 3.3 V
Time: 500 µs/div; Top trace: VDD 2 V/div;
Bottom trace: OUT 1 V/div
Figure 18. Output Turnon Response Time With 1.1-Nf
Capacitive Load and VDD= 5 V
10 Power Supply Recommendations
The low supply current and supply range (1.5 V to 5.5 V) of the LMT84-Q1 allow the device to easily be powered
from many sources. Power supply bypassing is optional and is mainly dependent on the noise on the power
supply used. In noisy systems, it may be necessary to add bypass capacitors to lower the noise that is coupled
to the output of the LMT84-Q1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com