Electronic Components Datasheet Search
  English  ▼

X  

LP5562 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP5562
Description  LP5562 Four-Channel RGB- or White-LED Driver With Internal Program Memory and Independent Channel Control
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5562 Datasheet(HTML) 5 Page - Texas Instruments

  LP5562 Datasheet HTML 1Page - Texas Instruments LP5562 Datasheet HTML 2Page - Texas Instruments LP5562 Datasheet HTML 3Page - Texas Instruments LP5562 Datasheet HTML 4Page - Texas Instruments LP5562 Datasheet HTML 5Page - Texas Instruments LP5562 Datasheet HTML 6Page - Texas Instruments LP5562 Datasheet HTML 7Page - Texas Instruments LP5562 Datasheet HTML 8Page - Texas Instruments LP5562 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
5
LP5562
www.ti.com
SNVS820B – APRIL 2013 – REVISED DECEMBER 2016
Product Folder Links: LP5562
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
(1)
The electrical characteristics tables list ensured specifications under the listed recommended conditions except as otherwise modified or
specified by the electrical characteristics test conditions and/or notes. Typical specifications are estimations only and are not verified by
production testing.
(2)
All voltages are with respect to the potential at the GND pins.
(3)
Minimum and maximum limits are ensured by design, test, or statistical analysis. Typical numbers are not verified by production, but do
represent the most likely norm.
(4)
Output current accuracy is the difference between the actual value of the output current and programmed value of this current. Matching
is the maximum difference from the average. For the constant current outputs on the part, the following are determined: the maximum
output current (MAX), the minimum output current (MIN), and the average output current of all outputs (AVG). Two matching numbers
are calculated: (MAX – AVG)/AVG and (AVG – MIN)/AVG. The largest number of the two (worst case) is considered the matching
figure. Note that some manufacturers have different definitions in use.
(5)
Saturation voltage is defined as the voltage when the LED current has dropped 10% from the set value.
6.5 Electrical Characteristics
Unless otherwise specified: limits for typical values are for TA = 25°C and minimum and maximum limits apply over the
operating ambient temperature range (
−40°C < TA < +85°C); VIN = 3.6V, VEN/VCC = 1.8 V.
(1) (2) (3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT CONSUMPTION AND OSCILLATOR ELECTRICAL CHARACTERISTICS
IVDD
Standby supply current
EN = 0 (pin), CHIP_EN = 0 (bit), external 32
kHz clock running or not running
0.2
2
µA
EN = 1 (pin), CHIP_EN = 0 (bit),
external 32 kHz clock not running
2
µA
EN = 1 (pin), CHIP_EN = 0 (bit)
External 32-kHz clock running
2.4
µA
Normal mode supply current
LED drivers disabled
0.25
mA
LED drivers enabled
1
mA
Powersave mode supply
current
External 32-kHz clock running
10
µA
Internal oscillator running
0.25
mA
ƒOSC
Internal oscillator frequency
accuracy
TA = 25°C
–4%
4%
–7%
7%
LED DRIVER ELECTRICAL CHARACTERISTICS (R, G, B, W OUTPUTS)
ILEAKAGE
R, G, B, W pin leakage current
TA = 25°C
0.1
1
µA
IMAX
Maximum source current
Outputs R, G, B, W
25.5
mA
IOUT
Accuracy of output current(4)
Output current set to 17.5 mA, VDD = 3.6 V
TA = 25°C
–4%
4%
Output current set to 17.5 mA, VDD = 3.6 V
–5%
5%
IMATCH
Matching(4)
Output current set to 17.5 mA, VDD = 3.6V
1%
2%
ƒLED
LED PWM switching frequency
PWM_HF = 1
558
Hz
PWM_HF = 0
256
VSAT
Saturation voltage(5)
Output current set to 17.5 mA
TA = 25°C
60
100
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com