Electronic Components Datasheet Search
  English  ▼

X  

LP5904 Datasheet(PDF) 8 Page - Texas Instruments

Part # LP5904
Description  Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5904 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP5904 Datasheet HTML 4Page - Texas Instruments LP5904 Datasheet HTML 5Page - Texas Instruments LP5904 Datasheet HTML 6Page - Texas Instruments LP5904 Datasheet HTML 7Page - Texas Instruments LP5904 Datasheet HTML 8Page - Texas Instruments LP5904 Datasheet HTML 9Page - Texas Instruments LP5904 Datasheet HTML 10Page - Texas Instruments LP5904 Datasheet HTML 11Page - Texas Instruments LP5904 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
SVA-30110446
10
100
1000
10000
100000
.001
.01
.1
1
10
FREQUENCY (Hz)
Load = 0mA
Load = 1mA
Load = 50mA
0
50
100
150
200
0
20
40
60
80
100
120
IOUT(mA)
SVA-30110466
VIN
VOUT
10 mV/
DIV
1V/DIV
40 Ps/DIV
SVA-30110415
VIN
VOUT
10 mV/
DIV
1V/DIV
40 Ps/DIV
SVA-30110414
VIN
VOUT
10 mV/
DIV
1V/DIV
40 Ps/DIV
SVA-30110413
LP5904
SNVS637G – MARCH 2011 – REVISED APRIL 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Unless otherwise noted, VOUT = 2.8V, VIN = 3.8V, EN = 1.2V, CIN = 1.0 µF, COUT = 1.0 µF, TA = 25°C.
Line Transient
Line Transient
Load = 1mA, VOUT = 2.8 at VIN Falling Edge
Load = 200 mA, VOUT = 2.8 at VIN Rising Edge
Figure 14.
Figure 15.
Dropout Voltage
Line Transient
vs
Load = 200 mA, VOUT = 2.8 at VIN Falling Edge
Load Current
Figure 16.
Figure 17.
Output Noise Spectral Density,
PSRR
VOUT = 2.8V
Figure 18.
Figure 19.
8
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LP5904



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com