Electronic Components Datasheet Search
  English  ▼

X  

LP5904 Datasheet(PDF) 10 Page - Texas Instruments

Part # LP5904
Description  Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5904 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP5904 Datasheet HTML 6Page - Texas Instruments LP5904 Datasheet HTML 7Page - Texas Instruments LP5904 Datasheet HTML 8Page - Texas Instruments LP5904 Datasheet HTML 9Page - Texas Instruments LP5904 Datasheet HTML 10Page - Texas Instruments LP5904 Datasheet HTML 11Page - Texas Instruments LP5904 Datasheet HTML 12Page - Texas Instruments LP5904 Datasheet HTML 13Page - Texas Instruments LP5904 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
VIN
VOUT
IIN
20 ms/DIV
1V/DIV
0 mA/
DIV
1V/DIV
SVA-30110417
IIN
40 ms/DIV
1A/DIV
VEN = VIN = VOUT +1
VOUT
1V/DIV
1V/DIV
SVA-30110427
VOUT
IIN
20 ms/DIV
1A/DIV
1V/DIV
1V/DIV
VEN
SVA-30110425
VOUT
IIN
20 ms/DIV
1A/DIV
1V/DIV
1V/DIV
VEN
SVA-30110426
VOUT
IIN
20 Ps/DIV
2A/DIV
1V/DIV
1V/DIV
VEN
SVA-30110424
VOUT
IIN
20 Ps/DIV
2A/DIV
1V/DIV
1V/DIV
VEN
SVA-30110423
LP5904
SNVS637G – MARCH 2011 – REVISED APRIL 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Unless otherwise noted, VOUT = 2.8V, VIN = 3.8V, EN = 1.2V, CIN = 1.0 µF, COUT = 1.0 µF, TA = 25°C.
Inrush, VIN = (VOUT(NOM)) + 1V,
Inrush, VIN = (VOUT(NOM)) + 1V,
VOUT = 3.3V, IOUT = 100 µA
VOUT = 3.3V, IOUT = 200 mA
Figure 26.
Figure 27.
VEN Ramp Down
VEN Ramp Down
vs
vs
VOUT at 1mA Load VOUT = 3.3V
VOUT at 200 mA Load VOUT = 3.3V
Figure 28.
Figure 29.
Supply Ramping VEN = VIN = (VOUT + 1V)
Inrush, VIN Ramp at 1mA Load
vs
VOUT = 2.8V, VIN = 3.8V, TRISE = 100 ms
VOUT at IOUT = 200 mA, VOUT = 3.3V
Figure 30.
Figure 31.
10
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LP5904



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com