Electronic Components Datasheet Search
  English  ▼

X  

LP5904 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP5904
Description  Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5904 Datasheet(HTML) 1 Page - Texas Instruments

  LP5904 Datasheet HTML 1Page - Texas Instruments LP5904 Datasheet HTML 2Page - Texas Instruments LP5904 Datasheet HTML 3Page - Texas Instruments LP5904 Datasheet HTML 4Page - Texas Instruments LP5904 Datasheet HTML 5Page - Texas Instruments LP5904 Datasheet HTML 6Page - Texas Instruments LP5904 Datasheet HTML 7Page - Texas Instruments LP5904 Datasheet HTML 8Page - Texas Instruments LP5904 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
VIN
VEN
GND
VOUT
OUTPUT
1 PF
1.0 PF
INPUT
ENABLE
GND
LP5904
SVA-30110401
LP5904
www.ti.com
SNVS637G – MARCH 2011 – REVISED APRIL 2013
Ultra Low Noise, 200 mA Linear Regulator for RF/Analog
Circuits - Requires No Bypass Capacitor
Check for Samples: LP5904
1
FEATURES
PACKAGE
•
Stable with 1.0 µF Ceramic Input and Output
•
4-Bump DSBGA (lead free)
Capacitors
0.815 mm × 0.815 mm × 0.600 mm
•
No Noise Bypass Capacitor Required
DESCRIPTION
•
Remote Output Capacitor Placement
The LP5904 is a linear regulator capable of supplying
•
Thermal-overload and Short-circuit Protection
200 mA output current. Designed to meet the
•
–40°C to +125°C Junction Temperature Range
requirements of RF/ Analog circuits, the LP5904
for Operation
device provides low noise, high PSRR, low quiescent
current, and low line transient response figures. Using
APPLICATIONS
new innovative design techniques the LP5904 offers
class-leading device noise performance without a
•
Cellular Phones
noise bypass capacitor and the ability for remote
•
PDA Handsets
output capacitor placement. An active pulldown circuit
with a 280
Ω resistor is wired from the output to
•
Wireless LAN Devices
ground pins to quickly discharge output when the
device is disabled (VEN = low).
KEY SPECIFICATIONS
The device is designed to work with a 1.0 µF input
•
Input Voltage Range … 2.2V to 5.5V
and a 1.0 µF output ceramic capacitor. (No Bypass
•
Output Voltage Range … 1.2V to 4.4V
Capacitor is required.)
•
Output Current … 200 mA
The device is available in a DSBGA package. For
•
Low Output Voltage Noise at
other package options contact your local TI sales
200 mA … 6.5µVRMS
office.
•
PSRR … 78 dB at 1kHz
This device is available between 1.2V and 4.4V in
•
Output Voltage Tolerance … ± 2%
25 mV steps. Please contact Texas Instruments
Sales for specific voltage option needs.
•
Virtually Zero IQ (Disabled) … <1 µA
•
Very Low IQ (Enabled) … 11 µA
•
Startup Time … 85 µs
•
Low Dropout … 95 mV typ
TYPICAL APPLICATION CIRCUIT
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP5904

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5904 TI1-LP5904 Datasheet
4Mb / 17P
Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5904 TI1-LP5904 Datasheet
1Mb / 23P
Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5904SP-2.8/NOPB TI1-LP5904SP-2.8/NOPB Datasheet
1Mb / 23P
Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5904SP-2.85/NOPB TI1-LP5904SP-2.85/NOPB Datasheet
1Mb / 23P
Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5904SP-3.0/NOPB TI1-LP5904SP-3.0/NOPB Datasheet
1Mb / 23P
Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
More results

Similar Description - LP5904

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5900 NSC-LP5900 Datasheet
645Kb / 10P
Ultra Low Noise, 100 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
logo
Texas Instruments
LP5904 TI1-LP5904 Datasheet
4Mb / 17P
Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5907 TI1-LP5907 Datasheet
774Kb / 13P
Ultra Low-Noise, 250 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5900SD-3.3_NOPB TI1-LP5900SD-3.3_NOPB Datasheet
1Mb / 25P
LP5900 Ultra Low Noise, 150 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
LP5900SD-3.0 TI1-LP5900SD-3.0 Datasheet
1Mb / 25P
LP5900 Ultra Low Noise, 150 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
LP5900TLX-2.8 TI1-LP5900TLX-2.8 Datasheet
1Mb / 25P
LP5900 Ultra Low Noise, 150 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
LP5900 TI-LP5900_15 Datasheet
1Mb / 30P
LP5900 Ultra Low-Noise, 150-mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5904 TI-LP5904_15 Datasheet
1Mb / 23P
Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5910 TI-LP5910_15 Datasheet
994Kb / 27P
LP5910 Ultra-Low-Noise, 300-mA Linear Regulator for RF and Analog Circuits - Requires No Bypass Capacitor
LP5904 TI1-LP5904_16 Datasheet
1Mb / 23P
Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com