Electronic Components Datasheet Search
  English  ▼

X  

LT1009CLPR Datasheet(PDF) 3 Page - Texas Instruments

Part # LT1009CLPR
Description  2.5-V INTEGRATED REFERENCE CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LT1009CLPR Datasheet(HTML) 3 Page - Texas Instruments

  LT1009CLPR Datasheet HTML 1Page - Texas Instruments LT1009CLPR Datasheet HTML 2Page - Texas Instruments LT1009CLPR Datasheet HTML 3Page - Texas Instruments LT1009CLPR Datasheet HTML 4Page - Texas Instruments LT1009CLPR Datasheet HTML 5Page - Texas Instruments LT1009CLPR Datasheet HTML 6Page - Texas Instruments LT1009CLPR Datasheet HTML 7Page - Texas Instruments LT1009CLPR Datasheet HTML 8Page - Texas Instruments LT1009CLPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
LT1009
www.ti.com................................................................................................................................................................. SLVS013N – MAY 1987 – REVISED MAY 2009
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
IR
Reverse current
20
mA
IF
Forward current
10
mA
D package
97
θ
JA
Package thermal impedance(2)(3)
LP package
140
°C/W
PW package
149
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
LT1009C
0
70
TA
Operating free-air temperature range
°C
LT1009I
–40
85
Copyright © 1987–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): LT1009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com