Electronic Components Datasheet Search
  English  ▼

X  

LT1009CLPR Datasheet(PDF) 1 Page - Texas Instruments

Part # LT1009CLPR
Description  2.5-V INTEGRATED REFERENCE CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LT1009CLPR Datasheet(HTML) 1 Page - Texas Instruments

  LT1009CLPR Datasheet HTML 1Page - Texas Instruments LT1009CLPR Datasheet HTML 2Page - Texas Instruments LT1009CLPR Datasheet HTML 3Page - Texas Instruments LT1009CLPR Datasheet HTML 4Page - Texas Instruments LT1009CLPR Datasheet HTML 5Page - Texas Instruments LT1009CLPR Datasheet HTML 6Page - Texas Instruments LT1009CLPR Datasheet HTML 7Page - Texas Instruments LT1009CLPR Datasheet HTML 8Page - Texas Instruments LT1009CLPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
FEATURES
1
2
3
4
8
7
6
5
NC
NC
NC
ANODE
CATHODE
NC
CATHODE
ADJ
D OR PW PACKAGE
(TOP VIEW)
NC − No internal connection
ANODE
CATHODE
ADJ
LP PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
NC
NC
NC
ANODE
CATHODE
NC
CATHODE
ADJ
D OR PW PACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
ANODE
CATHODE
ADJ
LT1009
www.ti.com................................................................................................................................................................. SLVS013N – MAY 1987 – REVISED MAY 2009
2.5-V INTEGRATED REFERENCE CIRCUIT
• Excellent Temperature Stability
• Wide Operating Current Range
• Initial Tolerance: 0.2% Max
• Directly Interchangeable With LM136
• Dynamic Impedance: 0.6 Ω Max
• Needs No Adjustment for Minimum
Temperature Coefficient
The LT1009 reference circuit is a precision-trimmed 2.5-V shunt regulator featuring low dynamic impedance and
a wide operating current range. The maximum initial tolerance is ±5 mV in the LP package and ±10 mV in the D
and PW packages. The reference tolerance is achieved by on-chip trimming, which minimizes the initial voltage
tolerance and the temperature coefficient,
α
VZ.
Although the LT1009 needs no adjustments, a third terminal (ADJ) allows the reference voltage to be adjusted
±5% to eliminate system errors. In many applications, the LT1009 can be used as a terminal-for-terminal
replacement for the LM136-2.5, which eliminates the external trim network.
The LT1009 uses include 5-V system references, 8-bit analog-to-digital converter (ADC) and digital-to-analog
converter (DAC) references, and power-supply monitors. The device also can be used in applications such as
digital voltmeters and current-loop measurement and control systems.
The LT1009C is characterized for operation from 0°C to 70°C. The LT1009I is characterized for operation from
–40°C to 85°C.
SYMBOL
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1987–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LT1009CLPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1009CLPR TI-LT1009CLPR Datasheet
328Kb / 17P
2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009CLPR TI1-LT1009CLPR Datasheet
1Mb / 22P
2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009CLPRE3 TI-LT1009CLPRE3 Datasheet
328Kb / 17P
2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009CLPRE3 TI1-LT1009CLPRE3 Datasheet
1Mb / 22P
2.5-V INTEGRATED REFERENCE CIRCUIT
More results

Similar Description - LT1009CLPR

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1060 NEC-UPC1060 Datasheet
53Kb / 8P
2.5 V HIGH PRECISION REFERENCE VOLTAGE CIRCUIT
logo
Texas Instruments
LM236 TI-LM236 Datasheet
95Kb / 10P
2.5-V INTEGRATED REFERENCE CIRCUITS
logo
List of Unclassifed Man...
AS535 ETC1-AS535 Datasheet
27Kb / 3P
2.5 V Precision Reference / Amplifier
logo
Texas Instruments
LT1009 TI-LT1009_06 Datasheet
328Kb / 17P
2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009M TI1-LT1009M Datasheet
158Kb / 10P
2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009M TI-LT1009M_15 Datasheet
128Kb / 11P
2.5-V INTEGRATED REFERENCE CIRCUIT
LM236-2.5 TI-LM236-2.5_15 Datasheet
433Kb / 14P
2.5-V INTEGRATED REFERENCE CIRCUITS
LT1009 TI-LT1009_15 Datasheet
1Mb / 22P
2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009 TI1-LT1009 Datasheet
1Mb / 22P
2.5-V INTEGRATED REFERENCE CIRCUIT
LM236-2.5 TI1-LM236-2.5_17 Datasheet
565Kb / 16P
2.5-V INTEGRATED REFERENCE CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com