Electronic Components Datasheet Search
  English  ▼

X  

LT1009CLPR Datasheet(PDF) 4 Page - Texas Instruments

Part # LT1009CLPR
Description  2.5-V INTEGRATED REFERENCE CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LT1009CLPR Datasheet(HTML) 4 Page - Texas Instruments

  LT1009CLPR Datasheet HTML 1Page - Texas Instruments LT1009CLPR Datasheet HTML 2Page - Texas Instruments LT1009CLPR Datasheet HTML 3Page - Texas Instruments LT1009CLPR Datasheet HTML 4Page - Texas Instruments LT1009CLPR Datasheet HTML 5Page - Texas Instruments LT1009CLPR Datasheet HTML 6Page - Texas Instruments LT1009CLPR Datasheet HTML 7Page - Texas Instruments LT1009CLPR Datasheet HTML 8Page - Texas Instruments LT1009CLPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ELECTRICAL CHARACTERISTICS
Maximum V
Z
Minimum V
Z
V
at I = 1 mA
Z(dev)
Z
D
T
A
D
T
A
× 10
6
V
Z(dev)
V at 25°C
Z
=
| V |
a
Z
ppm
°C
70°C
× 10
6
4 mV
2500 mV
| V | =
a
Z
ppm
°C
»
23
LT1009
SLVS013N – MAY 1987 – REVISED MAY 2009................................................................................................................................................................. www.ti.com
at specified free-air temperature
LT1009C
LT1009I
PARAMETER
TEST CONDITIONS
TA
(1)
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
D/PW package
2.49
2.5
2.51
2.49
2.5
2.51
25°C
LP package
2.495
2.5
2.505
2.495
2.5
2.505
VZ
Reference voltage
IZ = 1 mA
V
D/PW package
2.485
2.515
2.475
2.525
Full range
LP package
2.491
2.509
2.48
2.52
VF
Forward voltage
IF = 2 mA
25°C
0.4
1
0.4
1
V
IZ = 1 mA,
125
125
VADJ = GND to VZ
Adjustment range
25°C
mV
IZ = 1 mA,
45
45
VADJ = 0.6 V to VZ – 0.6 V
Change in reference
D/PW package
5
15
ΔVZ(temp)
voltage with
Full range
mV
LP package
4
15
temperature
Average temperature
0°C to 70°C
15
25
15
25
ppm/
αV
Z
coefficient of
IZ = 1 mA, VADJ = open
°C
–40°C to 85°C
20
35
reference voltage(2)
25°C
2.6
10
2.6
6
Change in reference
ΔVZ
IZ = 400 µA to 10 mA
mV
voltage with current
Full range
12
10
Long-term change in
ppm/
ΔVZ/Δt
IZ = 1 mA
25°C
20
20
reference voltage
khr
25°C
0.3
1
0.3
1
ZZ
Reference impedance IZ = 1 mA
Ω
Full range
1.4
1.4
(1)
Full range is 0°C to 70°C for the LT1009C and –40°C to 85°C for the LT1009I.
(2)
The deviation parameter VZ(dev) is defined as the difference between the maximum and minimum values obtained over the
recommended operating temperature range, measured at IZ = 1 mA. The average full-range temperature coefficient of the reference
voltage (
αV
Z) is defined as:
αV
Z can be positive or negative, depending upon whether the minimum VZ or maximum VZ, respectively, occurs at the lower
temperature.
For example, at IZ = 1 mA, maximum VZ = 2501 mV at 30°C, minimum VZ = 2497 mV at 0°C, VZ = 2500 mV at 25°C, ΔTA = 70°C for
LT1009C:
Because minimum VZ occurs at the lower temperature, the coefficient in this example is positive.
4
Submit Documentation Feedback
Copyright © 1987–2009, Texas Instruments Incorporated
Product Folder Link(s): LT1009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com