Electronic Components Datasheet Search
  English  ▼

X  

MUX508IDR Datasheet(PDF) 26 Page - Texas Instruments

Part # MUX508IDR
Description  MUX50x 36-V, Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MUX508IDR Datasheet(HTML) 26 Page - Texas Instruments

Back Button MUX508IDR Datasheet HTML 22Page - Texas Instruments MUX508IDR Datasheet HTML 23Page - Texas Instruments MUX508IDR Datasheet HTML 24Page - Texas Instruments MUX508IDR Datasheet HTML 25Page - Texas Instruments MUX508IDR Datasheet HTML 26Page - Texas Instruments MUX508IDR Datasheet HTML 27Page - Texas Instruments MUX508IDR Datasheet HTML 28Page - Texas Instruments MUX508IDR Datasheet HTML 29Page - Texas Instruments MUX508IDR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
0
50
100
150
200
250
±20
±15
±10
±5
0
5
10
15
20
Source or Drain Voltage (V)
C001
V
DD = 15 V
V
SS = ±15 V
V
DD = 18 V
V
SS = ±18 V
V
DD = 16.5 V
V
SS = ±16.5 V
V
DD = 13.5 V
V
SS = ±13.5 V
26
MUX508, MUX509
SBAS758C – JANUARY 2016 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: MUX508 MUX509
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
9.3.4 Rail-to-Rail Operation
A valid analog signal for the MUX50x ranges from VSS to VDD. The input signal to the MUX50x can swing from
VSS to VDD without any significant degradation in performance. The on-resistance of the MUX50x varies with
input signal, as shown in Figure 41.
Figure 41. On-Resistance vs Source or Drain Voltage
9.4 Device Functional Modes
When the EN pin of the MUX50x is pulled high, one of the switches is closed based on the state of the address
lines. When the EN pin is pulled low, all the switches are in an open state irrespective of the state of the address
lines. The EN pin can be connected to VDD (as high as 36 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com