Electronic Components Datasheet Search
  English  ▼

X  

MUX508IDR Datasheet(PDF) 11 Page - Texas Instruments

Part # MUX508IDR
Description  MUX50x 36-V, Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MUX508IDR Datasheet(HTML) 11 Page - Texas Instruments

Back Button MUX508IDR Datasheet HTML 7Page - Texas Instruments MUX508IDR Datasheet HTML 8Page - Texas Instruments MUX508IDR Datasheet HTML 9Page - Texas Instruments MUX508IDR Datasheet HTML 10Page - Texas Instruments MUX508IDR Datasheet HTML 11Page - Texas Instruments MUX508IDR Datasheet HTML 12Page - Texas Instruments MUX508IDR Datasheet HTML 13Page - Texas Instruments MUX508IDR Datasheet HTML 14Page - Texas Instruments MUX508IDR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
0
50
100
150
200
250
0
6
12
18
24
30
36
Source or Drain Voltage (V)
C023
V
DD = 30 V
V
SS = 0 V
V
DD = 33 V
V
SS = 0 V
V
DD = 36 V
V
SS = 0 V
0
100
200
300
400
500
600
700
0
2
4
6
8
10
12
14
Source or Drain Voltage (V)
C005
V
DD = 14 V
V
SS = 0 V
V
DD = 12 V
V
SS = 0 V
V
DD = 10 V
V
SS = 0 V
0
100
200
300
400
500
600
700
±8
±6
±4
±2
0
2
4
6
8
Source or Drain Voltage (V)
C003
V
DD = 5 V
V
SS = ±5 V
V
DD = 6 V
V
SS = ±6 V
V
DD = 7 V
V
SS = ±7 V
0
100
200
300
400
500
600
700
0
2
4
6
8
10
12
Source or Drain Voltage (V)
C004
T
A = ±40ƒC
T
A = 0ƒC
T
A = 125ƒC
T
A = 85ƒC
T
A = 25ƒC
0
50
100
150
200
250
±20
±15
±10
±5
0
5
10
15
20
Source or Drain Voltage (V)
C001
V
DD = 15 V
V
SS = ±15 V
V
DD = 18 V
V
SS = ±18 V
V
DD = 16.5 V
V
SS = ±16.5 V
V
DD = 13.5 V
V
SS = ±13.5 V
0
50
100
150
200
250
±18
±12
±6
0
6
12
18
Source or Drain Voltage (V)
C002
T
A = ±40ƒC
T
A = 0ƒC
T
A = 125ƒC
T
A = 85ƒC
T
A = 25ƒC
11
MUX508, MUX509
www.ti.com
SBAS758C – JANUARY 2016 – REVISED SEPTEMBER 2016
Product Folder Links: MUX508 MUX509
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.7 Typical Characteristics
at TA = 25°C, VDD = 15 V, and VSS = –15 V (unless otherwise noted)
Figure 1. On-Resistance vs Source or Drain Voltage
VDD = 15 V, VSS = –15 V
Figure 2. On-Resistance vs Source or Drain Voltage
Figure 3. On-Resistance vs Source or Drain Voltage
VDD = 12 V, VSS = 0 V
Figure 4. On-Resistance vs Source or Drain Voltage
Figure 5. On-Resistance vs Source or Drain Voltage
Figure 6. On-Resistance vs Source or Drain Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com