| Electronic Components Datasheet Search |
|
MUX508IDR Datasheet(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MUX508IDR Datasheet(HTML) 4 Page - Texas Instruments |
|
4 / 42 page ![]() 1 A0 16 A1 2 EN 15 A2 3 VSS 14 GND 4 S1 13 VDD 5 S2 12 S5 6 S3 11 S6 7 S4 10 S7 8 D 9 S8 4 MUX508, MUX509 SBAS758C – JANUARY 2016 – REVISED SEPTEMBER 2016 www.ti.com Product Folder Links: MUX508 MUX509 Submit Documentation Feedback Copyright © 2016, Texas Instruments Incorporated 5 Device Comparison Table PRODUCT DESCRIPTION MUX508 8-channel, single-ended analog multiplexer (8:1 mux) MUX509 4-channel differential or dual 4:1 single-ended analog multiplexer (8:2 mux) 6 Pin Configuration and Functions MUX508: PW and D Packages 16-Pin TSSOP and SOIC Top View Pin Functions: MUX508 PIN TYPE DESCRIPTION NAME NO. A0 1 Digital input Address line 0 A1 16 Digital input Address line 1 A2 15 Digital input Address line 2 D 8 Analog input or output Drain pin. Can be an input or output. EN 2 Digital input Active high digital input. When this pin is low, all switches are turned off. When this pin is high, the A[2:0] logic inputs determine which switch is turned on. GND 14 Power supply Ground (0 V) reference S1 4 Analog input or output Source pin 1. Can be an input or output. S2 5 Analog input or output Source pin 2. Can be an input or output. S3 6 Analog input or output Source pin 3. Can be an input or output. S4 7 Analog input or output Source pin 4. Can be an input or output. S5 12 Analog input or output Source pin 5. Can be an input or output. S6 11 Analog input or output Source pin 6. Can be an input or output. S7 10 Analog input or output Source pin 7. Can be an input or output. S8 9 Analog input or output Source pin 8. Can be an input or output. VDD 13 Power supply Positive power supply. This pin is the most positive power-supply potential. For reliable operation, connect a decoupling capacitor ranging from 0.1 µF to 10 µF between VDD and GND. VSS 3 Power supply Negative power supply. This pin is the most negative power-supply potential. In single- supply applications, this pin can be connected to ground. For reliable operation, connect a decoupling capacitor ranging from 0.1 µF to 10 µF between VSS and GND. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |