Electronic Components Datasheet Search
  English  ▼

X  

D3SH Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D3SH
Description  Surface Mount Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D3SH Datasheet(HTML) 2 Page - Omron Electronics LLC

  D3SH Datasheet HTML 1Page - Omron Electronics LLC D3SH Datasheet HTML 2Page - Omron Electronics LLC D3SH Datasheet HTML 3Page - Omron Electronics LLC D3SH Datasheet HTML 4Page - Omron Electronics LLC D3SH Datasheet HTML 5Page - Omron Electronics LLC D3SH Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
D3SH
Surface Mount Switch
3
S
H
Characteristics
Note: The data given above are initial values.
*1.
The given values apply for Total Travel Position. Close or open circuit of the contact is 1ms max.
*2.
For testing conditions, consult your OMRON sales representative.
Dimensions (Unit: mm) and Operating Characteristics
The @ is replaced with the code for the contact form that you need. See the "List of Models" for available combinations of models.
Note 1. Unless otherwise specified, a tolerance of
±0.15 mm applies to all dimensions.
Note 2. The operating characteristics are for operation in the A direction ($) and B direction (", !) has the same operation characteristic values as of the A direction.
Permissible operating speed
1 mm to 300 mm/s
Permissible operating frequency
Mechanical
60 operations/min
Electrical
60 operations/min
Insulation resistance
100 M
Ω min. (at 100 VDC with insulation tester)
Contact resistance (initial value)
3
Ω max.
Dielectric strength
Between terminals of the same polarity
100 VAC (50/60 Hz for 1 min)
Vibration resistance *1
Malfunction
10 to 55 Hz, 1.5 mm double amplitude
Shock resistance
Durability
1000 m/s2 {approx. 100G} max.
Malfunction *1
300 m/s2 {approx. 30G} max.
Durability *2
Mechanical
150,000 operations min. (20 operations/min)
Electrical
100,000 operations min. (20 operations/min)
Ambient operating temperature
-25 to
+85°C (at ambient humidity 60% max.) (with no icing or condensation)
Ambient operating humidity
85% max. (for
+5 to +35°C)
Weight
Approx. 0.02 g
Operating Characteristics
Model
D3SH-@@R
D3SH-@@L
Operating Force
OF Max.
0.3 N {31 gf}
Free Position
Operating Position
Total Travel Position
FP
OP
TTP
5.4
±0.2 mm
5.0
±0.2 mm
3.8
±0.15 mm
Standard Lever Models
PCB Land Dimensions (Reference)
(TOP VIEW)
4.4
2.2
1.1
(2.2)
A
B
2.3
0.68
0.9±0.05
0.9
3
Center of rotation
0.36
0.39
3.1 0.8
R0.2
0.4
1.65
0.25
0.4
0.55
1.65
1.1
0.5
●Right operating - without Boss
D3SH-@0R
PCB land dimensions (reference)
(TOP VIEW)
(2.2)
1.1
4.4
2.2
0.68
0.9±0.05
(0.9)
0.39
0.36
2.3
3
Center of rotation
0.8
R0.2
0.25
3.1
1.65
0.4
0.5
1.1
0.55
1.65
0.4
A
B
●Left operating - without Boss
D3SH-@0L



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com