Electronic Components Datasheet Search
  English  ▼

X  

D3SH Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # D3SH
Description  Surface Mount Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D3SH Datasheet(HTML) 4 Page - Omron Electronics LLC

  D3SH Datasheet HTML 1Page - Omron Electronics LLC D3SH Datasheet HTML 2Page - Omron Electronics LLC D3SH Datasheet HTML 3Page - Omron Electronics LLC D3SH Datasheet HTML 4Page - Omron Electronics LLC D3SH Datasheet HTML 5Page - Omron Electronics LLC D3SH Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
D3SH
Surface Mount Switch
3
S
H
Note 1. Unless otherwise specified, a tolerance of
±0.15 mm applies to all dimensions.
Note 2. The operating characteristics are for operation in the A direction ($) and B direction (", !) has the same operation characteristic values as of the A direction.
Packaging Specifications
PCB land dimensions (reference)
(TOP VIEW)
2.2
4.4
1.1
(3.1)
3
0.68
0.9±0.05
0.9
0.36
0.39
3
Center of rotation
0.8
R0.2
0.25
0.4
1.65
3.1
1.1
0.4
0.55
1.65
0.5
A
B
●Left operating - without Boss
D3SH-@0L1
PCB mounting hole and land dimensions (reference)
(TOP VIEW)
1.1
(3.1)
3
4.4
2.2
0.36
0.39
3
Center of rotation
C0.15
0.9±0.05
0.68
0.4
0.9
0.6±0.05 dia.
2±0.1
0.8
2.8±0.07
3.1
R0.2
0.25
0.4
1.65
2±0.05 1.1
2-0.7
dia.
+0.05
0
0.4
0.55
1.65
2.8
0.5
A
B
●Right operating - with Boss
D3SH-@1R1
PCB mounting hole and land dimensions (reference)
(TOP VIEW)
1.1
(3.1)
3
2.2
4.4
0.36
0.39
3
Center of rotation
C0.15
0.9±0.05
0.68
0.4
0.9
0.6±0.05 dia.
2±0.1
0.8
R0.2
0.4
0.25
1.65
2.8±0.07
3.1
0.5
2±0.05 1.1
0.4
0.55
1.65
2.8
A
B
2-0.7
dia.
+0.05
0
●Left operating - with Boss
D3SH-@1L1
19
Reel
13 dia.
380 dia.
Label
Feed direction
6.9
12±0.3
8±0.1
4±0.1
1.75±0.1
2
Drawing direction
1.5
dia. holes
Standard package Qty: 1,000 pcs./reel
6,000 pcs./reel
1.8
Tape, carrier
+0.1
0
Standards
Conforms to JEITA
Package
Qty 1,000 pcs./reel
Qty 6,000 pcs./reel



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com