Electronic Components Datasheet Search
  English  ▼

X  

D3SH Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # D3SH
Description  Surface Mount Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D3SH Datasheet(HTML) 3 Page - Omron Electronics LLC

  D3SH Datasheet HTML 1Page - Omron Electronics LLC D3SH Datasheet HTML 2Page - Omron Electronics LLC D3SH Datasheet HTML 3Page - Omron Electronics LLC D3SH Datasheet HTML 4Page - Omron Electronics LLC D3SH Datasheet HTML 5Page - Omron Electronics LLC D3SH Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
D3SH
Surface Mount Switch
3
S
H
Note 1. Unless otherwise specified, a tolerance of
±0.15 mm applies to all dimensions.
Note 2. The operating characteristics are for operation in the A direction ($) and B direction (", !) has the same operation characteristic values as of the A direction.
Note 1. Unless otherwise specified, a tolerance of
±0.15 mm applies to all dimensions.
Note 2. The operating characteristics are for operation in the A direction ($) and B direction (", !) has the same operation characteristic values as of the A direction.
Operating Characteristics
Model
D3SH-@@R1
D3SH-@@L1
Operating Force
OF Max.
0.24 N {24 gf}
Free Position
Operating Position
Total Travel Position
FP
OP
TTP
5.9±0.3 mm
5.4±0.3 mm
3.8±0.2 mm
PCB mounting hole and land dimensions (reference)
(TOP VIEW)
1.1
(2.2)
2.3
4.4
2.2
2-0.7
dia.
C0.15
0.68
0.9±0.05
0.4
0.9
0.36
0.39
3
Center of rotation
0.6±0.05 dia.
2±0.1
R0.2
3.1
2.8±0.07
0.8
0.25
0.4
1.65
2±0.05
+0.07
0
1.1
0.4
0.55
1.65
2.8
0.5
A
B
●Right operating - with Boss
D3SH-@1R
PCB mounting hole and land dimensions (reference)
(TOP VIEW)
(2.2)
1.1
4.4
2.2
0.39
0.36
C0.15
0.4
0.68
0.9±0.05
(0.9)
2.3
3
Center of rotation
0.6±0.05 dia.
2±0.1
0.8
3.1
2.8±0.07
0.25
0.4
1.65
R0.2
0.5
1.1
2±0.05
2-0.7
dia.
+0.05
0
0.4
0.55
1.65
2.8
A
B
●Left operating - with Boss
D3SH-@1L
Long Lever Models
PCB land dimensions (reference)
(TOP VIEW)
1.1
(3.1)
3
4.4
2.2
0.36
0.39
0.68
0.9±0.05
0.9
3
Center of rotation
R0.2
0.8
3.1
1.65
0.4
0.25
1.1
0.4
0.55
1.65
0.5
A
B
●Right operating - without Boss
D3SH-@0R1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com