Electronic Components Datasheet Search
  English  ▼

X  

821 Datasheet(PDF) 16 Page - Positronic.

Part # 821
Description  SCORPION MODULAR POWER, SIGNAL CONNECTORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

821 Datasheet(HTML) 16 Page - Positronic.

Back Button 821 Datasheet HTML 8Page - Positronic. 821 Datasheet HTML 9Page - Positronic. 821 Datasheet HTML 10Page - Positronic. 821 Datasheet HTML 11Page - Positronic. 821 Datasheet HTML 12Page - Positronic. 821 Datasheet HTML 13Page - Positronic. 821 Datasheet HTML 14Page - Positronic. 821 Datasheet HTML 15Page - Positronic. 821 Datasheet HTML 16Page - Positronic.  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Positronic
Scorpion Online
connectpositronic.com
THE SCIENCE OF CERTAINTY
Positronic | Americas
Positronic | Europe
Positronic | Asia
Sales Offices
423 N Campbell Ave
Springfield MO 65806 USA
+1 800 641 4054
info@connectpositronic.com
46 route d’Engachies
F-32020 Auch Cedex 9 France
+33 5 6263 4491
contact@connectpositronic.com
3014A Ubi Rd 1 #07-01
Singapore 408703
+65 6842 1419
singapore@connectpositronic.com
Positronic has local sales
representation all over the world.
For the nearest sales office visit
www.connectpositronic.com/sales
Products described within this catalog may be protected
by one or more of the following US patents:
#4,900,261* #5,255,580 #5,329,697 #6,260,268
#6,835,079 #7,115,002 #8,944,697 #9,304,263
*
Patented in Canada, 1992
Other patents pending
Footprints
Tooling
Product updates
Detailed dimensions
2D/3D drawings
✔
✔
✔
✔
✔
Federal Supply Code for Manufacturers
Positronic Industries: 28198
Positronic Industries SAS: FA7Y0
Positronic Asia PTE LTD: QB952
All dimensional tolerances are ± 0.38 [0.015], unless otherwise specified: ±0.03 mm [0.001 inches] for male contact mating
diameters; ±0.08 mm [0.003 inches] for contact termination diameters; ±0.13 mm [0.005 inches] for all other diameters;
±0.38 mm [0.015 inches] for all other dimensions. Dimensions are in millimeter [inches]. All dimensions are subject to
change. Product pictures may not be identical in appearance to actual production parts.
Information in this catalog is proprietary to Positronic and its subsidiaries. Positronic believes the data contained herein to
be reliable. Since the technical information is given free of charge, the user employs such information at his own discretion
and risk. Positronic assumes no responsibility for results obtained or damages incurred from use of such information in
whole or in part.
The following trademarks are owned by Positronic Industries, Inc.: Positronic Industries, Inc.®, Positronic®, Connector
Excellence®, P+ logo®, PosiBand®, PosiShop®, Optik-D™, and The Science of Certainty®. The color blue as it appears
on various connectors is a trademark of Positronic Industries, Inc., Registered in U.S. Patent and Trademark Office.
See connectpositronic.com/Scorpion
for all other Scorpion-related
information including:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com