| Electronic Components Datasheet Search |
|
821 Datasheet(PDF) 11 Page - Positronic. |
|
|
|||||||||||||||||||||||||||||
821 Datasheet(HTML) 11 Page - Positronic. |
|
11 / 16 page ![]() Positronic Scorpion General Information THE SCIENCE OF CERTAINTY connectpositronic.com 11 SC Standard conductivity contacts HC High conductivity contacts *1 Contact Technical Sales for more details on additional contact sizes, material, finishes, and termination styles. REMOVABLE CRIMP CONTACTS PART NUMBER Size Gender Female Contact Style Stranded AWG [mm2] Sequential Mate FC0404N2 SC #4 Female Closed entry #4 [25.0] FC0404N2S HC #4 Female Closed entry #4 [25.0] MC0404N SC #4 Male n/a #4 [25.0] MC0404NS HC #4 Male n/a #4 [25.0] FC4008DS HC #8 Female Closed entry #8 [10.0] FC4008DS-PA781 HC #8 Female Closed entry #8 [10.0] First FC4010D SC #8 Female Closed entry #10 [5.3] FC4010D-PA781 SC #8 Female Closed entry #10 [5.3] First FC4010DS HC #8 Female Closed entry #10 [5.3] FC4010DS-PA781 HC #8 Female Closed entry #10 [5.3] First FC4012D SC #8 Female Closed entry #12 [4.0] FC4012D-PA781 SC #8 Female Closed entry #12 [4.0] First FC4012DS HC #8 Female Closed entry #12 [4.0] FC4012DS-PA781 HC #8 Female Closed entry #12 [4.0] First FC4016D SC #8 Female Closed entry #16 [1.5] FC4016D-PA781 SC #8 Female Closed entry #16 [1.5] First FC4016DS HC #8 Female Closed entry #16 [1.5] FC4016DS-PA781 HC #8 Female Closed entry #16 [1.5] First MC4008DS HC #8 Male n/a #8 [10.0] MC4008DS-PA781 HC #8 Male n/a #8 [10.0] First MC4010D SC #8 Male n/a #10 [5.3] MC4010D-PA781 SC #8 Male n/a #10 [5.3] First MC4010DS HC #8 Male n/a #10 [5.3] MC4010DS-PA781 HC #8 Male n/a #10 [5.3] First MC4012D SC #8 Male n/a #12 [4.0] MC4012D-PA781 SC #8 Male n/a #12 [4.0] First MC4012DS HC #8 Male n/a #12 [4.0] MC4012DS-PA781 HC #8 Male n/a #12 [4.0] First MC4016D SC #8 Male n/a #16 [1.5] MC4016D-PA781 SC #8 Male n/a #16 [1.5] First MC4016DS HC #8 Male n/a #16 [1.5] MC4016DS-PA781 HC #8 Male n/a #16 [1.5] First FC1210P2 SC #12 Female Closed entry #10 [6.0] FC1210P2S HC #12 Female Closed entry #10 [6.0] FC1212P2 SC #12 Female Closed entry #12 [4.0] FC1212P2S HC #12 Female Closed entry #12 [4.0] MC1210N-PA563 SC #12 Male n/a #10 [6.0] First MC1210NS-PA563 HC #12 Male n/a #10 [6.0] First MC1210N SC #12 Male n/a #10 [6.0] MC1210NS HC #12 Male n/a #10 [6.0] MC1212N-PA563 SC #12 Male n/a #12 [4.0] First MC1212NS-PA563 HC #12 Male n/a #12 [4.0] First MC1212N SC #12 Male n/a #12 [4.0] MC1212NS HC #12 Male n/a #12 [4.0] CONTACTS*1 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |