| Electronic Components Datasheet Search |
|
821 Datasheet(PDF) 3 Page - Positronic. |
|
|
|||||||||||||||||||||||||||||
821 Datasheet(HTML) 3 Page - Positronic. |
|
3 / 16 page ![]() Positronic Scorpion General Information THE SCIENCE OF CERTAINTY connectpositronic.com 3 Overall Length (OAL) of a connector is the sum of all the modules’ length. Refer to example below for OAL maximum calculation. See page 6-8 for individual module dimensions. ■ A Scorpion part number can be a maximum of 30 characters. If the connector configuration exceeds this number, please contact Technical Sales for a special part number for your unique requirement. ■ Pinout sequence may not be continuous. Contact Technical Sales for more information. ■ Contact Technical Sales for connector length exceeding 101.00 [3.976]. ■ For connectors offering both fixed solder and crimp contacts, contact Technical Sales. ■ Alignment bar is only available for size 16, size 18, size 22, and hyperboloid Ø0.60 [0.0236] right angle contacts. ■ PosiBand contacts available for size 12, 16, 18 and 22. ■ If there are more than 36 signal pins in one connector, customer will need to take note of the tolerances and alignment issues. HOW TO CALCULATE OAL OVERALL LENGTH (OAL) Positronic is proud to participate in PICMG 3.8. The Scorpion series was chosen as the PICMG 3.8 power connector. PICMG® logo is a registered trademark of the PCI Industrial Computers Manufacturers Group. OAL up to 101.00 [3.976] Options from Module Layouts (pg 6-8) Option from Body Style (pg 6) Option will be provided according to 1st Body Style chosen N5 Y U K E D N X Y R 2 or 7 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |