Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA830
Description  Triple, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA830 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 17Page - Texas Instruments OPA830 Datasheet HTML 18Page - Texas Instruments OPA830 Datasheet HTML 19Page - Texas Instruments OPA830 Datasheet HTML 20Page - Texas Instruments OPA830 Datasheet HTML 21Page - Texas Instruments OPA830 Datasheet HTML 22Page - Texas Instruments OPA830 Datasheet HTML 23Page - Texas Instruments OPA830 Datasheet HTML 24Page - Texas Instruments OPA830 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
MULTIPLEXED CONVERTER DRIVER
1/3
OPA3832
400W
400W
100W
V
1
1/3
OPA3832
400W
400W
100W
V
2
1/3
OPA3832
400W
400W
100W
V
3
Selection
Logic
ADS826
10-Bit
60MSPS
0.1mF
0.1mF
4.99kW
0.1mF
4.99kW
0.1mF
100pF
REFT
+3.5V
REFB
+1.5V
+In
-
In
CM
MultiplexedConverterDriver
OPA3832
www.ti.com ............................................................................................................................................ SBOS370A – DECEMBER 2006 – REVISED AUGUST 2008
The output resistors isolate the outputs from each
other
when
switching
between
channels.
The
The converter driver in Figure 53 multiplexes among
feedback network of the disabled channels forms part
the three input signals. The OPA3832s enable and
of the load seen by the enabled amplifier, attenuating
disable times support multiplexing among video
the signal slightly.
signals. The make-before-break disable characteristic
of the OPA3832 ensures that the output is always
under control. To avoid large switching glitches,
switch during the sync or retrace portions of the video
signal—the two inputs should be almost equal at
these times. The output is always under control, so
the switching glitches for two 0V inputs are < 20mV.
With standard video signals levels at the inputs, the
maximum differential voltage across the disabled
inputs will not exceed the ±1.2V maximum rating.
Figure 53. Multiplexed Converter Driver
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): OPA3832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com